Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064889-X Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # X-2064889-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064889-X Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button X-2064889-X Datasheet HTML 32Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 33Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 34Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 35Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 36Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 37Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 38Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 39Page - List of Unclassifed Manufacturers X-2064889-X Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
36
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
SC Connector Kits
Note: All part numbers are RoHS compliant.
SC Connector Kits —
Standard Kits
Product Facts
I
Compliant with
I
JIS C-5973
I
Fibre Channel
I
TIA FOCIS-3
I
One-piece connector body
I
Compatible with anaerobic
adhesives
I
Instruction Sheet 408-8674
I
Components packaged in 25
piece bags for easy access
I
Field installable duplex clip
(6348522-1) available
I
Mates with SC adapters
(pages 39-41), SC
Transceivers
Performance (typical)
Insertion Loss — 0.2dB
Reflectance — -55dB
Operating Temperature —
-40° C to +75° C
Material
Ferrule — Zirconia
Housing and Connector Body —
UL 94 V-O rated thermoplastic
Length —
Ferrule Tip to End of Boot
900 µm Buffered — 54 mm
2.0 mm Jacketed — 50 mm
3.0 mm Jacketed — 50 mm
SC Connector Kits —
Tight Jacketed Kits
Product Facts
I
Non pull-proof connector for
use with tight jacketed fiber
cable
I
Allows jacket and buffer to
move together to prevent
micro-bends and fiber
breakage
I
SC Commercial Item
Description (CID) interim
approval by Naval Surface
Warfare Center, Dahlgren
Division
I
Tested using MIL-PRF-
85045/16 2.0 mm cable
Applications
I
In flight networks
I
Shipboard applications
I
Aero market
Material
Ferrule — Zirconia
Housing — UL 94 V-O rated
thermoplastic
Length — Ferrule Tip to End of
Boot: 57.0 mm
Engineering Report
502-1191
Description
Fiber Type
Housing
Boot
Used with
Assembly Pack
Color
Color
Part Number
900 µm Buffered
2064939-1
Singlemode
Blue
Blue
2.0 mm Jacketed
2064939-2
Simplex
3.0 mm Jacketed
2064939-3
900 µm Buffered
2064940-1
Multimode
Beige
Beige
2.0 mm Jacketed
2064940-2
3.0 mm Jacketed
2064940-3
Singlemode
Blue
Blue
2.0 mm Jacketed
5504936-2
Duplex
3.0 mm Jacketed
5504655-2
Multimode
Beige
Beige
2.0 mm Jacketed
5504927-1
3.0 mm Jacketed
5504657-1
Description
Fiber Type
Housing
Boot
Used with
Individual Pack
Bulk Pack
Color
Color
Part Number
Part Number
Singlemode
Blue
Blue
1.6-2.0 mm Jacketed
6828100-1
6828100-2
Simplex
2.4 mm Jacketed
1918227-1
1918227-2
Multimode
Beige
Beige
1.6-2.0 mm Jacketed
6828099-1
6828099-2
2.4 mm Jacketed
1918154-1
1918154-2
Duplex
Singlemode
Blue
Blue
1.6-2.0 mm Jacketed
1828573-1
1828573-2
Multimode
Beige
Beige
1.6-2.0 mm Jacketed
1828574-1
1828574-2


Similar Part No. - X-2064889-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064889-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com