Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR10515XSDE Datasheet(PDF) 7 Page - Texas Instruments

Part # LMR10515XSDE
Description  LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR10515XSDE Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR10515XSDE Datasheet HTML 3Page - Texas Instruments LMR10515XSDE Datasheet HTML 4Page - Texas Instruments LMR10515XSDE Datasheet HTML 5Page - Texas Instruments LMR10515XSDE Datasheet HTML 6Page - Texas Instruments LMR10515XSDE Datasheet HTML 7Page - Texas Instruments LMR10515XSDE Datasheet HTML 8Page - Texas Instruments LMR10515XSDE Datasheet HTML 9Page - Texas Instruments LMR10515XSDE Datasheet HTML 10Page - Texas Instruments LMR10515XSDE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
0.590
0.595
0.600
0.605
0.610
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
4.0
4.1
4.2
4.3
4.4
4.5
4.6
LMR10515
www.ti.com
SNVS728C – OCTOBER 2011 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless stated otherwise, all curves taken at VIN = 5.0V with configuration in typical application circuit shown in Figure 22. TJ
= 25°C, unless otherwise specified.
Line Regulation
LMR10515Y IQ (Quiescent Current)
Vo = 1.8V, Io = 500mA
Figure 15.
Figure 16.
Gain vs Frequency
VFB vs Temperature
(Vin = 5V, Vo = 1.2V @ 1A)
Figure 17.
Figure 18.
Phase Plot vs Frequency
(Vin = 5V, Vo = 1.2V @ 1A)
Figure 19.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMR10515


Similar Part No. - LMR10515XSDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10515XSDE TI-LMR10515XSDE Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10515XSDE/NOPB TI1-LMR10515XSDE/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
More results

Similar Description - LMR10515XSDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10520 TI1-LMR10520_14 Datasheet
1,022Kb / 26P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515 TI-LMR10515 Datasheet
457Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and LLP
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
LMR10510 TI1-LMR10510_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10510 TI-LMR10510 Datasheet
456Kb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and LLP
LMR12015 TI1-LMR12015 Datasheet
1Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1.5A/2A Step-Down Voltage Regulator in WSON-10
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com