Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6643MMX
Description  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6643MMX Datasheet(HTML) 4 Page - Texas Instruments

  LMH6643MMX Datasheet HTML 1Page - Texas Instruments LMH6643MMX Datasheet HTML 2Page - Texas Instruments LMH6643MMX Datasheet HTML 3Page - Texas Instruments LMH6643MMX Datasheet HTML 4Page - Texas Instruments LMH6643MMX Datasheet HTML 5Page - Texas Instruments LMH6643MMX Datasheet HTML 6Page - Texas Instruments LMH6643MMX Datasheet HTML 7Page - Texas Instruments LMH6643MMX Datasheet HTML 8Page - Texas Instruments LMH6643MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LMH6642, LMH6643, LMH6644
SNOS966P – MAY 2001 – REVISED MARCH 2013
www.ti.com
3V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 3V, V= 0V, V
CM = VO = V
+/2, V
ID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
CIN
Common Mode Input
2
pF
Capacitance
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−0.5
−0.2
Range
−0.1
V
1.8
2.0
1.6
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 1.5V
72
95
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 2.5V
80
96
RL = 2kΩ to V
+/2
75
dB
VO = 0.5V to 2.5V
74
82
RL = 150Ω to V
+/2
70
VO
Output Swing
RL = 2kΩ to V
+/2, V
ID = 200mV
2.90
2.98
V
High
RL = 150Ω to V
+/2, V
ID = 200mV
2.80
2.93
Output Swing
RL = 2kΩ to V
+/2, V
ID = −200mV
25
75
mV
Low
RL = 150Ω to V
+/2, V
ID = −200mV
75
150
ISC
Output Short Circuit Current
Sourcing to V+/2
50
95
VID = 200mV
(6)
35
mA
Sinking to V+/2
55
110
VID = −200mV
(6)
40
IOUT
Output Current
VOUT = 0.5V from either supply
±65
mA
+PSRR
Positive Power Supply Rejection
V+ = 3.0V to 3.5V, VCM = 1.5V
75
85
dB
Ratio
IS
Supply Current (per channel)
No Load
2.70
4.00
mA
4.50
(6)
Short circuit test is a momentary test. See Note 7 under 5V Electrical Characteristics.
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, V
ID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
BW
−3dB BW
AV = +1, VOUT = 200mVPP
90
120
MHz
AV = +2, −1, VOUT = 200mVPP
46
BW0.1dB
0.1dB Gain Flatness
AV = +2, RL = 150Ω to V+/2,
15
MHz
Rf = 402Ω, VOUT = 200mVPP
PBW
Full Power Bandwidth
AV = +1, −1dB, VOUT = 2VPP
22
MHz
en
Input-Referred Voltage Noise
f = 100kHz
17
nV/
√Hz
f = 1kHz
48
in
Input-Referred Current Noise
f = 100kHz
0.90
pA/
√Hz
f = 1kHz
3.3
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = +2
−60
dBc
DG
Differential Gain
NTSC, AV = +2
0.16
RL =150Ω to V
+/2
%
RL = 1kΩ to V
+/2
0.05
DP
Differential Phase
NTSC, AV = +2
0.05
RL = 150Ω to V
+/2
deg
RL = 1kΩ to V
+/2
0.01
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6643MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6643MMX NSC-LMH6643MMX Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MMX TI-LMH6643MMX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MMX TI-LMH6643MMX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MMX/NOPB TI1-LMH6643MMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6643MMXNOPB NSC-LMH6643MMXNOPB Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com