Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6722SD Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6722SD
Description  LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single with Shutdown and Quad
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6722SD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6722SD Datasheet HTML 2Page - Texas Instruments LMH6722SD Datasheet HTML 3Page - Texas Instruments LMH6722SD Datasheet HTML 4Page - Texas Instruments LMH6722SD Datasheet HTML 5Page - Texas Instruments LMH6722SD Datasheet HTML 6Page - Texas Instruments LMH6722SD Datasheet HTML 7Page - Texas Instruments LMH6722SD Datasheet HTML 8Page - Texas Instruments LMH6722SD Datasheet HTML 9Page - Texas Instruments LMH6722SD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
1
10
100
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
HD2
HD3
VO = 2VPP
10
100
100
0
FREQUENCY (MHz)
-2
-1
0
1
2
VO = .5VPP
AV = -1V/V
RF = 300:
VO = 4VPP
VO = 2VPP
GAIN
PHASE
-8
-7
-6
-5
-4
-3
-225
-180
-135
-90
-45
0
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
RF = 300:
AV = 2V/V
GAIN
PHASE
VO = .5VPP
VO = 1VPP
VO = 4VPP
VO = 2VPP
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
AV = -1
AV = -2
AV = -6
VO = 2VPP
RF = 300:
-225
-180
-135
-90
-45
0
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
AV = 1, RF = 600:
AV = 2, RF = 300:
AV = 6, RF = 200:
GAIN
PHASE
VO = 500mVPP
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
AV = 2,
RF = 300:
AV = 1, RF = 600:
AV = 6, RF = 200:
GAIN
PHASE
VO = 2VPP
LMH6714, LMH6720
LMH6722, LMH6722-Q1
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
(V
+ = +5V, V= −5V, A
V = 2, RF = 300Ω, RL = 100Ω Unless Specified).
Non-Inverting Small Signal Frequency Response
Non-Inverting Large Signal Frequency Response
Figure 8.
Figure 9.
Inverting Frequency Response
Non-Inverting Frequency Response vs. VO
Figure 10.
Figure 11.
Inverting Frequency Response vs. VO
Harmonic Distortion vs. Frequency
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Similar Part No. - LMH6722SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6722SD TI1-LMH6722SD Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6722SD/NOPB TI1-LMH6722SD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
LMH6722SDX TI1-LMH6722SDX Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
More results

Similar Description - LMH6722SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6714 TI1-LMH6714 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6714/ LMH6720/ LMH6722/ LMH6722Q Wideband Video Op Amp; Single, Single
LMH6714 TI1-LMH6714_16 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
National Semiconductor ...
LMH6714 NSC-LMH6714 Datasheet
597Kb / 15P
   Wideband Video Op Amp; Single, Single with Shutdown and Quad
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715 TI1-LMH6715_17 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com