Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25011AQ1MY Datasheet(PDF) 5 Page - Texas Instruments

Part # LM25011AQ1MY
Description  42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25011AQ1MY Datasheet(HTML) 5 Page - Texas Instruments

  LM25011AQ1MY Datasheet HTML 1Page - Texas Instruments LM25011AQ1MY Datasheet HTML 2Page - Texas Instruments LM25011AQ1MY Datasheet HTML 3Page - Texas Instruments LM25011AQ1MY Datasheet HTML 4Page - Texas Instruments LM25011AQ1MY Datasheet HTML 5Page - Texas Instruments LM25011AQ1MY Datasheet HTML 6Page - Texas Instruments LM25011AQ1MY Datasheet HTML 7Page - Texas Instruments LM25011AQ1MY Datasheet HTML 8Page - Texas Instruments LM25011AQ1MY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM25011, LM25011-Q1
www.ti.com
SNVS617G – APRIL 2009 – REVISED FEBRUARY 2013
ELECTRICAL CHARACTERISTICS (continued)
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V, RT = 50 kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Thermal Shutdown
TSD
Thermal shutdown
Junction temperature increasing
155
°C
Thermal shutdown hysteresis
20
°C
Thermal Resistance
θJA
Junction to Ambient, 0 LFPM Air Flow(1)
48
°C/W
θJC
Junction to Case(1)
10
°C/W
(1)
JEDEC test board description can be found in JESD 51-5 and JESD 51-7.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25011 LM25011-Q1


Similar Part No. - LM25011AQ1MY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY/NOPB TI-LM25011AQ1MY/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MYX TI-LM25011AQ1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MYX/NOPB TI-LM25011AQ1MYX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Similar Description - LM25011AQ1MY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com