Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4246 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4246
Description  Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4246 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS4246 Datasheet HTML 4Page - Texas Instruments ADS4246 Datasheet HTML 5Page - Texas Instruments ADS4246 Datasheet HTML 6Page - Texas Instruments ADS4246 Datasheet HTML 7Page - Texas Instruments ADS4246 Datasheet HTML 8Page - Texas Instruments ADS4246 Datasheet HTML 9Page - Texas Instruments ADS4246 Datasheet HTML 10Page - Texas Instruments ADS4246 Datasheet HTML 11Page - Texas Instruments ADS4246 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
ADS4229
SBAS550B – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
TIMING REQUIREMENTS: LVDS and CMOS Modes
Typical values are at +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, sampling frequency = 250 MSPS, sine wave input
clock, CLOAD = 5 pF, and RLOAD = 100 Ω, unless otherwise noted. Minimum and maximum values are across the
full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and DRVDD = 1.7 V to 1.9 V.
Table 2. LVDS and CMOS Modes(1)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
tA
Aperture delay
0.5
0.8
1.1
ns
Aperture delay matching
Between the two channels of the same device
±70
ps
Between two devices at the same temperature and
Variation of aperture delay
±150
ps
DRVDD supply
tJ
Aperture jitter
140
fS rms
Time to valid data after coming out of STANDBY
50
100
µs
mode
Wakeup time
Time to valid data after coming out of GLOBAL
100
500
µs
power-down mode
Clock
Default latency after reset
16
cycles
ADC latency(2)
Clock
Digital functions enabled (EN DIGITAL = 1)
24
cycles
DDR LVDS MODE(3)
tSU
Data setup time
Data valid(4) to zero-crossing of CLKOUTP
0.6
0.88
ns
Zero-crossing of CLKOUTP to data becoming
tH
Data hold time
0.33
0.55
ns
invalid(4)
Input clock rising edge cross-over to output clock
tPDI
Clock propagation delay
5.0
6.0
7.5
ns
rising edge cross-over
Duty cycle of differential clock, (CLKOUTP-
LVDS bit clock duty cycle
48
%
CLKOUTM)
Rise time measured from –100 mV to +100 mV
tRISE,
Data rise time,
Fall time measured from +100 mV to –100 mV
0.13
ns
tFALL
Data fall time
1 MSPS ≤ Sampling frequency ≤ 250 MSPS
Rise time measured from –100 mV to +100 mV
tCLKRISE,
Output clock rise time,
Fall time measured from +100 mV to –100 mV
0.13
ns
tCLKFALL
Output clock fall time
1 MSPS ≤ Sampling frequency ≤ 250 MSPS
PARALLEL CMOS MODE
Input clock rising edge cross-over to output clock
tPDI
Clock propagation delay
4.5
6.2
8.5
ns
rising edge cross-over
Duty cycle of output clock, CLKOUT
Output clock duty cycle
50
%
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
Rise time measured from 20% to 80% of DRVDD
tRISE,
Data rise time,
Fall time measured from 80% to 20% of DRVDD
0.7
ns
tFALL
Data fall time
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
Rise time measured from 20% to 80% of DRVDD
tCLKRISE,
Output clock rise time
Fall time measured from 80% to 20% of DRVDD
0.7
ns
tCLKFALL
Output clock fall time
1 MSPS ≤ Sampling frequency ≤ 200 MSPS
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(3)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(4)
Data valid refers to a logic high of +100 mV and a logic low of –100 mV.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: ADS4229


Similar Part No. - ADS4246

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4246 TI1-ADS4246 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4246 TI1-ADS4246 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4246 TI-ADS4246 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4246 TI1-ADS4246 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4246IRGC25 TI-ADS4246IRGC25 Datasheet
3Mb / 104P
[Old version datasheet]   Programmable Gain up to 6dB for SNR/SFDR Trade-off
More results

Similar Description - ADS4246

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com