Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5041MTC Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5041MTC
Description  LM5041 Cascaded PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041MTC Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5041MTC Datasheet HTML 2Page - Texas Instruments LM5041MTC Datasheet HTML 3Page - Texas Instruments LM5041MTC Datasheet HTML 4Page - Texas Instruments LM5041MTC Datasheet HTML 5Page - Texas Instruments LM5041MTC Datasheet HTML 6Page - Texas Instruments LM5041MTC Datasheet HTML 7Page - Texas Instruments LM5041MTC Datasheet HTML 8Page - Texas Instruments LM5041MTC Datasheet HTML 9Page - Texas Instruments LM5041MTC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM5041
SNVS248D – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 26.7kΩ, RSET = 20kΩ) unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Reference Supply
VREF
Ref Voltage
IREF = 0 mA
4.85
5
5.15
V
Ref Voltage Regulation
IREF = 0 to 10mA
25
50
mV
Ref Current Limit
15
20
mA
Current Limit
ILIM Delay to Output
CS Step from 0 to 0.6V
40
ns
Time to Onset of OUT
Transition (90%)
CL = 0
Cycle by Cycle Threshold
0.45
0.5
0.55
V
Voltage
Cycle Skip Threshold
Resets SS capacitor; auto
0.55
0.6
0.65
V
Voltage
restart
Leading Edge Blanking
50
ns
Time
CS Sink Current (clocked) CS = 0.3V
2
5
mA
Soft-Start
Soft-start Current Source
7
10
13
µA
Soft-start to COMP Offset
0.35
0.55
0.75
V
Shutdown Threshold
0.25
0.5
0.75
V
Oscillator
Frequency1 (RT =
TJ = 25°C
180
200
220
kHz
26.7K
Ω)
175
225
Frequency2 (RT =
515
600
685
kHz
7.87K
Ω)
Sync threshold
3
3.5
V
PWM Comparator
Delay to Output
COMP set to 2V
25
ns
CS stepped 0 to 0.4V, Time
to onset of OUT transition
low
Max Duty Cycle
TS = Oscillator Period
(Ts-240ns)/Ts)
%
Min Duty Cycle
COMP = 0V
0
%
COMP to PWM
0.32
Comparator Gain
COMP Open Circuit
FB = 0V
4.1
4.8
5.5
V
Voltage
COMP Short Circuit
FB = 0V, COMP = 0V
0.6
1
1.4
mA
Current
Slope Compensation
Slope Comp Amplitude
Delta increase at PWM
110
mV
Comparator to CS
UVLO Shutdown
Under-voltage Shutdown
2.44
2.5
2.56
V
Under-voltage Shutdown
16
20
24
µA
Hysteresis Current
Source
Buck Stage Outputs
Output High level
5 (VREF)
V
Output High Saturation
IOUT = 10mA
0.5
1
V
REF = VOUT
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM5041


Similar Part No. - LM5041MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041MTC NSC-LM5041MTC Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041MTC/NOPB TI1-LM5041MTC/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041MTCX NSC-LM5041MTCX Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041MTCX TI1-LM5041MTCX Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
LM5041MTCX/NOPB TI1-LM5041MTCX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
More results

Similar Description - LM5041MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
[Old version datasheet]   Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
   Cascaded PWM Controller
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041B TI-LM5041B_15 Datasheet
989Kb / 20P
[Old version datasheet]   Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com