Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109ASD Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5109ASD
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5109ASD Datasheet(HTML) 4 Page - Texas Instruments

  LM5109ASD Datasheet HTML 1Page - Texas Instruments LM5109ASD Datasheet HTML 2Page - Texas Instruments LM5109ASD Datasheet HTML 3Page - Texas Instruments LM5109ASD Datasheet HTML 4Page - Texas Instruments LM5109ASD Datasheet HTML 5Page - Texas Instruments LM5109ASD Datasheet HTML 6Page - Texas Instruments LM5109ASD Datasheet HTML 7Page - Texas Instruments LM5109ASD Datasheet HTML 8Page - Texas Instruments LM5109ASD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM5109A
SNVS412A – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO
(1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IHBS
HB to VSS current, quiescent
VHS = VHB = 90V
0.1
10
µA
IHBSO
HB to VSS current, operating
f = 500 kHz
0.5
mA
Input Pins LI and HI
VIL
Low-level input voltage threshold
0.8
1.8
V
VIH
High-level input voltage threshold
1.8
2.2
V
RI
Input pulldown resistance
100
200
500
k
Under-Voltage Protection
VDDR
VDD rising threshold
VDDR = VDD – VSS
6.0
6.7
7.4
V
VDDH
VDD threshold hysteresis
0.5
V
VHBR
HB rising threshold
VHBR = VHB – VHS
5.7
6.6
7.1
V
VHBH
HB threshold hysteresis
0.4
V
LO Gate Driver
VOLL
Low-level output voltage
ILO = 100 mA, VOHL = VLO – VSS
0.38
0.65
V
VOHL
High-level output voltage
ILO = −100 mA, VOHL = VDD – VLO
0.72
1.20
V
IOHL
Peak pullup current
VLO = 0V
1.0
A
IOLL
Peak pulldown current
VLO = 12V
1.0
A
HO Gate Driver
VOLH
Low-level output voltage
IHO = 100 mA, VOLH = VHO – VHS
0.38
0.65
V
VOHH
High-level output voltage
IHO = −100 mA, VOHH = VHB – VHO
0.72
1.20
V
IOHH
Peak pullup current
VHO = 0V
1.0
A
IOLH
Peak pulldown current
VHO = 12V
1.0
A
Thermal Resistance
θJA
SOIC(2)(3)
160
Junction to ambient
°C/W
WSON(2)(3)
40
(2)
4-layer board with Cu finished thicknesses 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm
ground and power planes embedded in PCB. See Application Note AN-1187.
(3)
The
θJA is not a constant for the package and depends on the printed circuit board design and the operating conditions.
Switching Characteristics
Specifications in standard typeface are for TJ = 25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LM5109A
tLPHL
Lower turn-off propagation delay
30
56
ns
(LI falling to LO falling)
tHPHL
Upper turn-off propagation delay
30
56
ns
(HI falling to HO falling)
tLPLH
Lower turn-on propagation delay
32
56
ns
(LI rising to LO rising)
tHPLH
Upper turn-on propagation delay
32
56
ns
(HI rising to HO rising)
tMON
Delay matching: lower turn-on and upper
2
15
ns
turn-off
tMOFF
Delay matching: lower turn-off and upper
2
15
ns
turn-on
tRC, tFC
Either output rise or fall time
CL = 1000 pF
15
-
ns
tPW
Minimum input pulse width that changes
50
ns
the output
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5109A


Similar Part No. - LM5109ASD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109ASD NSC-LM5109ASD Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109ASD TI1-LM5109ASD Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109ASD/NOPB TI1-LM5109ASD/NOPB Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109ASDX NSC-LM5109ASDX Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109ASDX TI1-LM5109ASDX Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
More results

Similar Description - LM5109ASD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
[Old version datasheet]   LM5109B High Voltage 1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
[Old version datasheet]   High Voltage 1-A Peak Half Bridge Gate Driver
LM5109B TI1-LM5109B Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage 1-A Peak Half-Bridge Gate Driver
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com