Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFWI9Z34 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SFWI9Z34
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFWI9Z34 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SFWI9Z34 Datasheet HTML 1Page - Fairchild Semiconductor SFWI9Z34 Datasheet HTML 2Page - Fairchild Semiconductor SFWI9Z34 Datasheet HTML 3Page - Fairchild Semiconductor SFWI9Z34 Datasheet HTML 4Page - Fairchild Semiconductor SFWI9Z34 Datasheet HTML 5Page - Fairchild Semiconductor SFWI9Z34 Datasheet HTML 6Page - Fairchild Semiconductor SFWI9Z34 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFW/I9Z34
BV
DSS = -60 V
R
DS(on) = 0.14
I
D = -18 A
-60
-18
-12.6
-72
±30
555
-18
8.2
-5.5
3.8
82
0.55
- 55 to +175
300
1.83
40
62.5
--
--
--
! Avalanche Rugged Technology
! Rugged Gate Oxide Technology
! Lower Input Capacitance
! Improved Gate Charge
! Extended Safe Operating Area
! 175
o
C Operating Temperature
! Lower Leakage Current : 10
µA(Max.) @ V
DS = -60V
! Low R
DS(ON) : 0.106 Ω (Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
o
C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
D2-PAK
1. Gate 2. Drain 3. Source
1
3
2
1
2
3
I2-PAK
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
o
C)
Continuous Drain Current (T
C=100
o
C)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
A=25
o
C)
Total Power Dissipation (T
C=25
o
C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
P
D
I
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W
W/
o
C
A
o
C
V
DSS
V
*
O
1
O
2
O
3
O
1
O
1
Rev. C


Similar Part No. - SFWI9Z34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SFWI9Z14 FAIRCHILD-SFWI9Z14 Datasheet
278Kb / 7P
   Advanced Power MOSFET
SFWI9Z24 FAIRCHILD-SFWI9Z24 Datasheet
280Kb / 7P
   Advanced Power MOSFET
More results

Similar Description - SFWI9Z34

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com