Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3405AXMY Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3405AXMY
Description  LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3405AXMY Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3405AXMY Datasheet HTML 4Page - Texas Instruments LM3405AXMY Datasheet HTML 5Page - Texas Instruments LM3405AXMY Datasheet HTML 6Page - Texas Instruments LM3405AXMY Datasheet HTML 7Page - Texas Instruments LM3405AXMY Datasheet HTML 8Page - Texas Instruments LM3405AXMY Datasheet HTML 9Page - Texas Instruments LM3405AXMY Datasheet HTML 10Page - Texas Instruments LM3405AXMY Datasheet HTML 11Page - Texas Instruments LM3405AXMY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
0
0
VIN
-VD1
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
SW
Voltage
'iL
IF
ILPK
LM3405A
SNVS508C – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The LM3405A is a PWM, current-mode controled buck switching regulator designed to provide a simple, high
efficiency solution for driving LEDs with a preset switching frequency of 1.6MHz. This high frequency allows the
LM3405A to operate with small surface mount capacitors and inductors, resulting in LED drivers that need only a
minimum amount of board space. The LM3405A is internally compensated, simple to use, and requires few
external components.
The following description of operation of the LM3405A will refer to the Simplified Block Diagram (Figure 13) and
to the waveforms in Figure 14. The LM3405A supplies a regulated output current by switching the internal NMOS
power switch at constant frequency and variable duty cycle. A switching cycle begins at the falling edge of the
reset pulse generated by the internal oscillator. When this pulse goes low, the output control logic turns on the
internal NMOS power switch. During this on-time, the SW pin voltage (VSW) swings up to approximately VIN, and
the inductor current (IL) increases with a linear slope. IL is measured by the current sense amplifier, which
generates an output proportional to the switch current. The sense signal is summed with the regulator’s
corrective ramp and compared to the error amplifier’s output, which is proportional to the difference between the
feedback voltage and VREF. When the PWM comparator output goes high, the internal power switch turns off until
the next switching cycle begins. During the switch off-time, inductor current discharges through the catch diode
D1, which forces the SW pin to swing below ground by the forward voltage (VD1) of the catch diode. The
regulator loop adjusts the duty cycle (D) to maintain a constant output current (IF) through the LED, by forcing FB
pin voltage to be equal to VREF (0.205V).
Figure 14. SW Pin Voltage and Inductor Current Waveforms of LM3405A
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3405A


Similar Part No. - LM3405AXMY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405AXMY NSC-LM3405AXMY Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405AXMY/NOPB TI1-LM3405AXMY/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405AXMYX NSC-LM3405AXMYX Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405AXMYX/NOPB TI1-LM3405AXMYX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
More results

Similar Description - LM3405AXMY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
   550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com