Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488MMX Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3488MMX
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MMX Datasheet(HTML) 1 Page - Texas Instruments

  LM3488MMX Datasheet HTML 1Page - Texas Instruments LM3488MMX Datasheet HTML 2Page - Texas Instruments LM3488MMX Datasheet HTML 3Page - Texas Instruments LM3488MMX Datasheet HTML 4Page - Texas Instruments LM3488MMX Datasheet HTML 5Page - Texas Instruments LM3488MMX Datasheet HTML 6Page - Texas Instruments LM3488MMX Datasheet HTML 7Page - Texas Instruments LM3488MMX Datasheet HTML 8Page - Texas Instruments LM3488MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM3488
LM3488-Q1
www.ti.com
SNVS089M – JULY 2000 – REVISED MARCH 2013
High Efficiency Low-Side N-Channel Controller for Switching Regulators
Check for Samples: LM3488, LM3488-Q1
1
FEATURES
DESCRIPTION
The LM3488 is a versatile Low-Side N-FET high
2
LM3488Q is AEC-Q100 qualified and
performance controller for switching regulators. It is
manufactured on an Automotive Grade Flow
suitable for use in topologies requiring low side FET,
8-lead VSSOP package
such as boost, flyback, or SEPIC. Moreover, the
Internal push-pull driver with 1A peak current
LM3488 can be operated at extremely high switching
frequency in order to reduce the overall solution size.
capability
The switching frequency of LM3488 can be adjusted
Current limit and thermal shutdown
to any value between 100kHz and 1MHz by using a
Frequency compensation optimized with a
single external resistor or by synchronizing it to an
capacitor and a resistor
external
clock.
Current
mode
control
provides
superior bandwidth and transient response, besides
Internal softstart
cycle-by-cycle current limiting. Output current can be
Current Mode Operation
programmed with a single external resistor.
Undervoltage Lockout with hysteresis
The LM3488 has built in features such as thermal
shutdown, short-circuit protection and over voltage
APPLICATIONS
protection. Power saving shutdown mode reduces the
Distributed Power Systems
total supply current to 5µA and allows power supply
sequencing. Internal soft-start limits the inrush current
Notebook, PDA, Digital Camera, and other
at start-up.
Portable Applications
Offline Power Supplies
KEY SPECIFICATIONS
Set-Top Boxes
Wide supply voltage range of 2.97V to 40V
100kHz to 1MHz Adjustable and
Synchronizable clock frequency
±1.5% (over temperature) internal reference
5µA shutdown current (over temperature)
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical SEPIC Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3488MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488MMX NSC-LM3488MMX Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MMX NSC-LM3488MMX Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MMX NSC-LM3488MMX Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results

Similar Description - LM3488MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com