Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3402MRX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3402MRX
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402MRX Datasheet(HTML) 5 Page - Texas Instruments

  LM3402MRX Datasheet HTML 1Page - Texas Instruments LM3402MRX Datasheet HTML 2Page - Texas Instruments LM3402MRX Datasheet HTML 3Page - Texas Instruments LM3402MRX Datasheet HTML 4Page - Texas Instruments LM3402MRX Datasheet HTML 5Page - Texas Instruments LM3402MRX Datasheet HTML 6Page - Texas Instruments LM3402MRX Datasheet HTML 7Page - Texas Instruments LM3402MRX Datasheet HTML 8Page - Texas Instruments LM3402MRX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS LM3402
VIN = 24V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA = TJ = +25°C.
(1) Limits
appearing in boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are ensured
by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
tON-1
On-time 1
VIN = 10V, RON = 200 kΩ
2.1
2.75
3.4
µs
tON-2
On-time 2
VIN = 40V, RON = 200 kΩ
490
650
810
ns
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
ELECTRICAL CHARACTERISTICS LM3402HV
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
tON-1
On-time 1
VIN = 10V, RON = 200 kΩ
2.1
2.75
3.4
µs
tON-2
On-time 2
VIN = 70V, RON = 200 kΩ
290
380
470
ns
ELECTRICAL CHARACTERISTICS LM3402/LM3402HV
Symbol
Parameter
Conditions
Min
Typ
Max
Units
REGULATION AND OVER-VOLTAGE COMPARATORS
VREF-REG
CS Regulation Threshold
CS Decreasing, SW turns on
194
200
206
mV
VREF-0V
CS Over-voltage Threshold
CS Increasing, SW turns off
300
mV
ICS
CS Bias Current
CS = 0V
0.1
µA
SHUTDOWN
VSD-TH
Shutdown Threshold
RON / SD Increasing
0.3
0.7
1.05
V
VSD-HYS
Shutdown Hysteresis
RON / SD Decreasing
40
mV
OFF TIMER
tOFF-MIN
Minimum Off-time
CS = 0V
300
ns
INTERNAL REGULATOR
VCC-REG
VCC Regulated Output
6.6
7
7.4
V
VIN-DO
VIN - VCC Dropout
ICC = 5 mA, 6.0V < VIN < 8.0V
300
mV
VCC-BP-TH
VCC Bypass Threshold
VIN Increasing
8.8
V
VCC-BP-HYS
VCC Bypass Hysteresis
VIN Decreasing
225
mV
VCC-Z-6
VCC Output Impedance
VIN = 6V
55
(0 mA < ICC < 5 mA)
VCC-Z-8
VIN = 8V
50
VCC-Z-24
VIN = 24V
0.4
VCC-LIM
VCC Current Limit (Note 3)
VIN = 24V, VCC = 0V
16
mA
VCC-UV-TH
VCC Under-voltage Lock-out Threshold
VCC Increasing
5.25
V
VCC-UV-HYS
VCC Under-voltage Lock-out Hysteresis
VCC Decreasing
150
mV
VCC-UV-DLY
VCC Under-voltage Lock-out Filter Delay
100 mV Overdrive
3
µs
IIN-OP
IIN Operating Current
Non-switching, CS = 0V
600
900
µA
IIN-SD
IIN Shutdown Current
RON / SD = 0V
90
180
µA
CURRENT LIMIT
ILIM
Current Limit Threshold
530
735
940
mA
DIM COMPARATOR
VIH
Logic High
DIM Increasing
2.2
V
VIL
Logic Low
DIM Decreasing
0.8
V
IDIM-PU
DIM Pull-up Current
DIM = 1.5V
75
µA
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3402 LM3402HV


Similar Part No. - LM3402MRX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402MRX NSC-LM3402MRX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MRX TI1-LM3402MRX Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MRX TI1-LM3402MRX Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
LM3402MRX/NOPB TI1-LM3402MRX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   0.5A Constant Current Buck Regulator
More results

Similar Description - LM3402MRX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com