Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C622 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16C622
Description  EPROM-Based 8-Bit CMOS Microcontrollers
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C622 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16C622 Datasheet HTML 1Page - Microchip Technology PIC16C622 Datasheet HTML 2Page - Microchip Technology PIC16C622 Datasheet HTML 3Page - Microchip Technology PIC16C622 Datasheet HTML 4Page - Microchip Technology PIC16C622 Datasheet HTML 5Page - Microchip Technology PIC16C622 Datasheet HTML 6Page - Microchip Technology PIC16C622 Datasheet HTML 7Page - Microchip Technology PIC16C622 Datasheet HTML 8Page - Microchip Technology PIC16C622 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
 2003 Microchip Technology Inc.
DS30235J-page 1
PIC16C62X
Devices included in this data sheet:
Referred to collectively as PIC16C62X.
• PIC16C620
PIC16C620A
• PIC16C621
PIC16C621A
• PIC16C622
PIC16C622A
• PIC16CR620A
High Performance RISC CPU:
• Only 35 instructions to learn
• All single cycle instructions (200 ns), except for
program branches which are two-cycle
• Operating speed:
- DC - 40 MHz clock input
- DC - 100 ns instruction cycle
• Interrupt capability
• 16 special function hardware registers
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes
Peripheral Features:
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(V
REF) module
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs can be output signals
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
Pin Diagrams
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• Serial in-circuit programming (via two pins)
• Four user programmable ID locations
CMOS Technology:
• Low power, high speed CMOS EPROM
technology
• Fully static design
• Wide operating range
- 2.5V to 5.5V
• Commercial, industrial and extended tempera-
ture range
• Low power consumption
- < 2.0 mA @ 5.0V, 4.0 MHz
-15
µA typical @ 3.0V, 32 kHz
-< 1.0
µA typical standby current @ 3.0V
Device
Program
Memory
Data
Memory
PIC16C620
512
80
PIC16C620A
512
96
PIC16CR620A
512
96
PIC16C621
1K
80
PIC16C621A
1K
96
PIC16C622
2K
128
PIC16C622A
2K
128
RA1/AN1
RA0/AN0
OSC2/CLKOUT
V
DD
RB7
RB6
RB5
RB4
OSC1/CLKIN
RA2/AN2/V
REF
RA3/AN3
MCLR/V
PP
V
SS
RB0/INT
RB1
RB2
RB3
RA4/T0CKI
RA1/AN1
RA0/AN0
OSC2/CLKOUT
V
DD
RB7
RB6
RB5
RB4
OSC1/CLKIN
RA2/AN2/V
REF
RA3/AN3
MCLR/V
PP
V
SS
V
SS
RB0/INT
RB1
RB2
RA4/T0CKI
RB3
RB3
V
DD
PDIP, SOIC, Windowed CERDIP
SSOP
2
3
4
5
6
7
8
9
10
•1
2
3
4
5
6
7
8
9
•1
19
18
16
15
14
13
12
11
17
18
17
15
14
13
12
11
10
16
20
EPROM-Based 8-Bit CMOS Microcontrollers


Similar Part No. - PIC16C622

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C622 MICROCHIP-PIC16C622 Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16C622 MICROCHIP-PIC16C622 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
PIC16C622 MICROCHIP-PIC16C622 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C622-04/JW MICROCHIP-PIC16C622-04/JW Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC16C622-04/P MICROCHIP-PIC16C622-04/P Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
More results

Similar Description - PIC16C622

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16LC558-04-SS MICROCHIP-PIC16LC558-04-SS Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
11/29/12
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
   High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com