Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2751SD-B Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2751SD-B
Description  LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2751SD-B Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2751SD-B Datasheet HTML 3Page - Texas Instruments LM2751SD-B Datasheet HTML 4Page - Texas Instruments LM2751SD-B Datasheet HTML 5Page - Texas Instruments LM2751SD-B Datasheet HTML 6Page - Texas Instruments LM2751SD-B Datasheet HTML 7Page - Texas Instruments LM2751SD-B Datasheet HTML 8Page - Texas Instruments LM2751SD-B Datasheet HTML 9Page - Texas Instruments LM2751SD-B Datasheet HTML 10Page - Texas Instruments LM2751SD-B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0
FSW = 725 kHz
FSW = 300 kHz
0.50
0.70
0.90
1.10
1.30
1.50
1.70
TA = 25°C
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0
FSW = 725 kHz
FSW = 300 kHz
TA = 25°C
0.5
0.7
0.9
1.1
1.3
1.5
0
15
30
45
60
75
90
OUTPUT CURRENT (mA)
4.98
5.01
5.03
5.06
5.08
VIN = 3.3V
VIN = 3.6V
VIN = 2.8V
VIN = 4.2V
VIN = 5.5V
0
20
40
60
80
100 120 140 160
OUTPUT CURRENT (mA)
4.45
4.48
4.51
4.54
4.57
4.60
VIN = 4.2V
VIN = 2.8V
VIN = 5.5V
VIN = 3.6V
VIN = 3.3V
0
10
20
30
40
50
60
70
OUTPUT CURRENT (mA)
5.00
5.03
5.05
5.08
5.10
VIN = 3.3V
VIN = 2.8V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
0
13 26 39 52 65 78 91 104 117 130
OUTPUT CURRENT (mA)
VIN = 4.2V
VIN = 2.8V
VIN = 5.5V
VIN = 3.6V
VIN = 3.3V
4.50
4.52
4.54
4.56
4.58
4.60
LM2751
www.ti.com
SNVS299B – APRIL 2005 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TA = 25°C, VIN = 3.6V, CS0 = CS1 = VIN, V(EN) = VIN, CIN = COUT = 2.2µF, C1 = C2 = 1µF.
Output Voltage
Output Voltage
vs.
vs.
Output Current, Version A (5V), 300kHz
Output Current, Version B (4.5V), 300kHz
Figure 2.
Figure 3.
Output Voltage
Output Voltage
vs.
vs.
Output Current, Version A (5V), 725kHz
Output Current, Version B (4.5V), 725kHz
Figure 4.
Figure 5.
Input Current
Input Current
vs.
vs.
Input Voltage, Version A (5V)
Input Voltage, Version B (4.5V)
Figure 6.
Figure 7.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2751


Similar Part No. - LM2751SD-B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2751SD-B NSC-LM2751SD-B Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B/NOPB TI1-LM2751SD-B/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Similar Description - LM2751SD-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com