Electronic Components Datasheet Search |
|
LM2676S-5.0 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
LM2676S-5.0 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 35 page LM2676 www.ti.com SNVS031J – APRIL 2000 – REVISED APRIL 2013 Typical Performance Characteristics (continued) Discontinuous Mode Switching Waveforms Load Transient Response for Continuous Mode VIN = 20V, VOUT = 5V, ILOAD = 500 mA VIN = 20V, VOUT = 5V L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ L = 33 μH, COUT = 200 μF, COUTESR = 26 mΩ A: Output Voltage, 100 mV//div, AC-Coupled. A: VSW Pin Voltage, 10 V/div. B: Load Current: 500 mA to 3A Load Pulse B: Inductor Current, 1 A/div C: Output Ripple Voltage, 20 mV/div AC-Coupled Figure 16. Horizontal Time Base: 1 μs//iv Figure 17. Horizontal Time Base: 100 μs/div Load Transient Response for Discontinuous Mode VIN = 20V, VOUT = 5V, L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ A: Output Voltage, 100 mV/div, AC-Coupled. B: Load Current: 200 mA to 3A Load Pulse Figure 18. Horizontal Time Base: 200 μs/div Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM2676 |
Similar Part No. - LM2676S-5.0 |
|
Similar Description - LM2676S-5.0 |