Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2665 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2665
Description  LM2665 Switched Capacitor Voltage Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2665 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2665 Datasheet HTML 5Page - Texas Instruments LM2665 Datasheet HTML 6Page - Texas Instruments LM2665 Datasheet HTML 7Page - Texas Instruments LM2665 Datasheet HTML 8Page - Texas Instruments LM2665 Datasheet HTML 9Page - Texas Instruments LM2665 Datasheet HTML 10Page - Texas Instruments LM2665 Datasheet HTML 11Page - Texas Instruments LM2665 Datasheet HTML 12Page - Texas Instruments LM2665 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM2665
www.ti.com
SNVS009F – NOVEMBER 1999 – REVISED MAY 2013
Figure 15. Increasing Output Voltage by Cascading Devices
REGULATING VOUT
It is possible to regulate the output of the LM2665 by use of a low dropout regulator (such as LP2980-5.0). The
whole converter is depicted in Figure 16.
A different output voltage is possible by use of LP2980-3.3, LP2980-3.0, or LP2980-adj.
Note that, the following conditions must be satisfied simultaneously for worst case design:
2Vin_min >Vout_min +Vdrop_max (LP2980) + Iout_max × Rout_max (LM2665)
(6)
2Vin_max < Vout_max +Vdrop_min (LP2980) + Iout_min × Rout_min (LM2665)
(7)
Figure 16. Generate a Regulated +5V from +3V Input Voltage
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2665


Similar Part No. - LM2665

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2665 NSC-LM2665 Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
LM2665M6 NSC-LM2665M6 Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665M6 TI1-LM2665M6 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
LM2665M6/NOPB TI1-LM2665M6/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2665M6X NSC-LM2665M6X Datasheet
210Kb / 8P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2665

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2665 TI-LM2665_15 Datasheet
983Kb / 20P
[Old version datasheet]   LM2665 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com