Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064844-X Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # X-2064844-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064844-X Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button X-2064844-X Datasheet HTML 78Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 79Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 80Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 81Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 82Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 83Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 84Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 85Page - List of Unclassifed Manufacturers X-2064844-X Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
82
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
PRO BEAM Expanded Beam Rugged Optics Products
Expanded Beam Technology
Expanded Beam Inserts
From left to right: PRO BEAM Sr.,
PRO BEAM Jr. & PRO BEAM Mini Expanded
Beam inserts.
Expanded Beam Principle
Expanded Beam Products
Product Facts
I
PRO BEAM Sr., PRO BEAM
Jr. and PRO BEAM Mini
Connector field deployable
interconnects
I
ARINC 600 connectors, with
inserts/holder blocks
designed for Mini Expanded
Beam — up to 128 channels
on size 3 ARINC 600
I
MIL-C-38999 Series III
shell size 11 style circular
connectors — Cable
assemblies up to 4 fibers
I
Unique Modular Design,
for use with multimode and
singlemode fiber
I
Tactical cables, cable reels,
backpacks
I
Cable assembly and
termination services
I
Ball lens expands cross-
sectional area of light over
200 times for multimode
and over 2000 times for
singlemode
I
Rugged hermaphroditic
construction (i.e., same
insert mates to each other)
I
Physically non-contacting
mating conditions; no wear,
installed fiber ferrule
protected by ball lens
Fiber Optic Interconnect/
Cable System using
Expanded Beam technology,
which physically expands
and collimates the transmis-
sion signal into an optical
beam over 14 times its
original diameter (the cross
sectional area of the light
beam increases over 200
times for multimode optical
signals). For singlemode
signals, the collimated
beam is over 45 times its
original diameter (the cross-
sectional area of the light
beam increases over 2,000
times.). It is then refocused
back down onto the core of
the receiving fiber. This
approach provides ease
of alignment and low
sensitivity to thermal
changes and contamination.
High strength, precision con-
nector housings enhance
a durable connection,
optimizing low loss and
repeatable performance.
Suitable for aerospace,
avionics, field-deployable
communications, marine
ship-to-shore applications,
security systems, mobile
diagnostic units, oil and
gas exploration and other
harsh environment applica-
tions demanding strength,
durability and reliable
performance in conditions
of multiple coupling/
decouplings, blindmate
situations, and high vibration.
Product Facts
I
No wear on fiber optic
interface; Very vibration
resistant
I
Easy to handle, easy to
clean. Durable connection
that is highly resistant to
dirt/debris
I
Singlemode or multimode
I
Common 850/1300 Dual
Wavelength, 1310, or
1550 nm wavelengths
I
Easy alignment for low-loss,
repeatable performance
I
Consistent overall optical
“link budget” assured
I
Low sensitivity to thermal
fluctuations and interface
contamination
I
Repeatable low-loss
performance in harsh
environments
I
PRO BEAM Sr. Insert —
the original, larger format,
Field Tactical, hermaphroditic
Connector System
I
PRO BEAM Jr. Insert —
the second generation,
reduced size, Field Tactical
Connector System
I
Mini Expanded Beam
Insert for multi-channel
small form factor — the
smallest expanded beam
multi-channel insert in the
industry, a TE exclusive
ASSEMBLY CAPABILITIES
TE has extensive rugged optic harness capabilities.
Please consult your local TE Sales Representative for assistance.


Similar Part No. - X-2064844-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064844-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com