Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064845-X Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # X-2064845-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064845-X Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button X-2064845-X Datasheet HTML 88Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 89Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 90Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 91Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 92Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 93Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 94Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 95Page - List of Unclassifed Manufacturers X-2064845-X Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
92
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
Cable Reels
Reel Capacity (Random Lay)
Cable Diameter
Notes/Description
Flange
Part Number
5.0 mm
5.5 mm
Diameter
225 M
186 M
Reel & Reel Stand Combination
Reel can be detached
310 mm
1918930-1
from stand without tools
297 M
247 M
Reel*
310 mm
1754515-1
570 M
462 M
Reel*
370 mm
1754515-2
998 M
816 M
Reel*
460 mm
1754515-3
1271 M
1052 M
Reel*
510 mm
1754515-4
* See Accessories options below
Accessories
Description
Reel Diameter
Part Number
Backpack
370 mm Dia. Reel
1754516-1*
Backpack
460 mm Dia. Reel
1754516-2*
Backpack
510 mm Dia. Reel
1754516-3*
Static Frame
500 mm Dia. Max
1754517-1*
Static Frame
700 mm Dia. Max
1754517-2*
* Reel must be ordered separately.
Note: For lower cost alternative options. Please contact your local TE Sales Representative or
TE Product Information Center at 1-800-522-6752.
1918930-1
Tactical Reel/Drum Options
Reel with Stand
“Static Frame”
Backpack Harness
Cable Assemblies
and Accessories
Product Facts
I
Ruggedized cable
assemblies custom
tailored for field use in
harsh environments
I
Heavy-duty light-weight
cable reel organizes and
protects connectors and
cable for easy pay-out and
safe storage
I
Options for 500 meter reels
include special backpack
harnesses, a separate reel
stand, or a combination reel
and reel stand
Typical Reels and Reel Stands for Field-Deployable Cable Assemblies
Backpack with Reel
PRO BEAM Jr. Kits
PRO BEAM Jr.
Termination Kit
1828650-1
Cleaning Kit
1828335-2
Featured Cable Assemblies
TFOCA to PRO BEAM Jr. Plug
Cable Assembly
1828536-1
LP D-Hole Bulkhead to 4 ST
62.5/125 on 1.8 mm cable
6828454-1
Plug to Plug (100 meters)
6754475-2
TFOCA-II is a trademark of Amphenol
Fiber Systems International.
ASSEMBLY CAPABILITIES
TE has extensive rugged
optic harness capabilities.
Please consult your local
TE Sales Representative
for assistance.


Similar Part No. - X-2064845-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064845-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com