Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2672M-3.3 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2672M-3.3
Description  LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2672M-3.3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2672M-3.3 Datasheet HTML 4Page - Texas Instruments LM2672M-3.3 Datasheet HTML 5Page - Texas Instruments LM2672M-3.3 Datasheet HTML 6Page - Texas Instruments LM2672M-3.3 Datasheet HTML 7Page - Texas Instruments LM2672M-3.3 Datasheet HTML 8Page - Texas Instruments LM2672M-3.3 Datasheet HTML 9Page - Texas Instruments LM2672M-3.3 Datasheet HTML 10Page - Texas Instruments LM2672M-3.3 Datasheet HTML 11Page - Texas Instruments LM2672M-3.3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LM2672
SNVS136K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Dropout Voltage—3.3V Option
Dropout Voltage—5.0V Option
Figure 15.
Figure 16.
* Patent Number 5,514,947
† Patent Number 5,382,918
Figure 17. Block Diagram
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2672


Similar Part No. - LM2672M-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672M-3.3 NSC-LM2672M-3.3 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-3.3 NSC-LM2672M-3.3 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672M-3.3 NSC-LM2672M-3.3 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672M-3.3 TI1-LM2672M-3.3 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2672M-3.3 NSC-LM2672M-3.3 Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
More results

Similar Description - LM2672M-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675EP NSC-LM2675EP Datasheet
511Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com