Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2642MTC Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2642MTC
Description  LM2642 Two-Phase Synchronous Step-Down Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2642MTC Datasheet(HTML) 4 Page - Texas Instruments

  LM2642MTC Datasheet HTML 1Page - Texas Instruments LM2642MTC Datasheet HTML 2Page - Texas Instruments LM2642MTC Datasheet HTML 3Page - Texas Instruments LM2642MTC Datasheet HTML 4Page - Texas Instruments LM2642MTC Datasheet HTML 5Page - Texas Instruments LM2642MTC Datasheet HTML 6Page - Texas Instruments LM2642MTC Datasheet HTML 7Page - Texas Instruments LM2642MTC Datasheet HTML 8Page - Texas Instruments LM2642MTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM2642
SNVS203I – MAY 2002 – REVISED APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Voltages from the indicated pins to SGND/PGND:
VIN, ILIM1, ILIM2, KS1, KS2
−0.3V to 32V
SW1, SW2, RSNS1, RSNS2
−0.3 to (VIN + 0.3)V
FB1, FB2, VDD1, VDD2
−0.3V to 6V
PGOOD, COMP1, COMP2, UV Delay
−0.3V to (VLIN5 +0.3)V
ON/SS1, ON/SS2 (2)
−0.3V to (VLIN5 +0.6)V
CBOOT1 to SW1, CBOOT2 to SW2
−0.3V to 7V
LDRV1, LDRV2
−0.3V to (VDD+0.3)V
HDRV1 to SW1, HDRV2 to SW2
−0.3V
HDRV1 to CBOOT1, HDRV2 to CBOOT2
+0.3V
Power Dissipation (TA = 25°C),
(3)
1.1W
Ambient Storage Temperature Range
−65°C to +150°C
Soldering Dwell Time, Temperature (4)
Wave
4 sec, 260°C
Infrared
10sec, 240°C
Vapor Phase
75sec, 219°C
ESD Rating (5)
2kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The specifications apply only for the test conditions. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
ON/SS1 and ON/SS2 are internally pulled up to one diode drop above VLIN5. Do not apply an external pull-up voltage to these pins. It
may cause damage to the IC.
(3)
The maximum allowable power dissipation is calculated by using PDMAX = (TJMAX - TA)/θJA, where TJMAX is the maximum junction
temperature, TA is the ambient temperature and θJA is the junction-to-ambient thermal resistance of the specified package. The 1.1W
rating results from using 125°C, 25°C, and 90.6°C/W for TJMAX, TA, and θJA respectively. A θJA of 90.6°C/W represents the worst-case
condition of no heat sinking of the 28-pin TSSOP. A thermal shutdown will occur if the temperature exceeds the maximum junction
temperature of the device.
(4)
For detailed information on soldering plastic small-outline packages, see the TI website at www.ti.com/packaging.
(5)
For testing purposes, ESD was applied using the human-body model, a 100pF capacitor discharged through a 1.5k
Ω resistor.
OPERATING RATINGS
(1)
VIN (VLIN5 tied to VIN)
4.5V to 5.5V
VIN (VIN and VLIN5 separate)
5.5V to 30V
Junction Temperature
−40°C to +125°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The specifications apply only for the test conditions. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2642


Similar Part No. - LM2642MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642MTC NSC-LM2642MTC Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTC TI1-LM2642MTC Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
LM2642MTC/NOPB TI1-LM2642MTC/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
LM2642MTCX TI1-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
LM2642MTCX/NOPB TI1-LM2642MTCX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
More results

Similar Description - LM2642MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
   Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com