Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2936MX-5.0 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2936MX-5.0
Description  LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2936MX-5.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2936MX-5.0 Datasheet HTML 7Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 8Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 9Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 10Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 11Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 12Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 13Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 14Page - Texas Instruments LM2936MX-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM2936
www.ti.com
SNOSC48N – JUNE 2000 – REVISED MARCH 2013
APPLICATIONS INFORMATION
Unlike other PNP low dropout regulators, the LM2936 remains fully operational to 40V. Owing to power
dissipation characteristics of the available packages, full output current cannot be ensured for all combinations of
ambient temperature and input voltage. As an example, consider an LM2936Z–5.0 operating at 25°C ambient.
Using the formula for maximum allowable power dissipation given in (1), we find that PDmax = 641 mW at 25°C.
Including the small contribution of the quiescent current to total power dissipation the maximum input voltage
(while still delivering 50 mA output current) is 17.3V. The LM2936Z–5.0 will go into thermal shutdown if it
attempts to deliver full output current with an input voltage of more than 17.3V. Similarly, at 40V input and 25°C
ambient the LM2936Z–5.0 can deliver 18 mA maximum.
Under conditions of higher ambient temperatures, the voltage and current calculated in the previous examples
will drop. For instance, at the maximum ambient of 125°C the LM2936Z–5.0 can only dissipate 128 mW, limiting
the input voltage to 7.34V for a 50 mA load, or 3.5 mA output current for a 40V input.
The junction to ambient thermal resistance
θJA rating has two distinct components: the junction to case thermal
resistance rating
θJC; and the case to ambient thermal resistance rating θCA. The relationship is defined as: θJA =
θJC + θCA.
For the SOIC-8 and PFM surface mount packages the
θJA rating can be improved by using the copper mounting
pads on the printed circuit board as a thermal conductive path to extract heat from the package.
On the SOIC-8 package the four ground pins are thermally connected to the backside of the die. Adding
approximately 0.04 square inches of 2 oz. copper pad area to these four pins will improve the
θJA rating to
approximately 110°C/W. If this extra pad are is placed directly beneath the package there should not be any
impact on board density.
On the PFM package the ground tab is thermally connected to the backside of the die. Adding 1 square inch of 2
oz. copper pad area directly under the ground tab will improve the
θJA rating to approximately 50°C/W.
While the LM2936 has an internally set thermal shutdown point of typically 160°C, this is intended as a safety
feature only. Continuous operation near the thermal shutdown temperature should be avoided as it may have a
negative affect on the life of the device.
While the LM2936 maintains regulation to 60V, it will not withstand a short circuit above 40V because of safe
operating area limitations in the internal PNP pass device. Above 60V the LM2936 will break down with
catastrophic effects on the regulator and possibly the load as well. Do not use this device in a design where the
input operating voltage may exceed 40V, or where transients are likely to exceed 60V.
SHUTDOWN PIN
The LM2936BM has a pin for shutting down the regulator output. Applying a Logic Level High (>2.0V) to the
Shutdown pin will cause the output to turn off. Leaving the Shutdown pin open, connecting it to Ground, or
applying a Logic Level Low (<0.6V) will allow the regulator output to turn on.
(1)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and the LM2936 will go
into thermal shutdown.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2936


Similar Part No. - LM2936MX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936MX-5.0 NSC-LM2936MX-5.0 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936MX-5.0 TI-LM2936MX-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MX-5.0 TI-LM2936MX-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MX-5.0/NOPB TI-LM2936MX-5.0/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MX-5.0EP TI1-LM2936MX-5.0EP Datasheet
512Kb / 16P
[Old version datasheet]   LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
More results

Similar Description - LM2936MX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936HVBMAX33 TI-LM2936HVBMAX33 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com