Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064850-X Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # X-2064850-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064850-X Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button X-2064850-X Datasheet HTML 76Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 77Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 78Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 79Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 80Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 81Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 82Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 83Page - List of Unclassifed Manufacturers X-2064850-X Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
80
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
LC ODVA Compliant Connectors
Note: All part numbers are RoHS compliant.
Sealed Circular LC ODVA
Compliant Connector
Product Facts
I
IP67 rated to ensure
protection from dust and
water immersion
I
LC connector qualified to
Telcordia GR-326 and
TIA/EIA 568B.3
I
Temperature range of
–40°C to 85°C
I
Bayonet-style mechanical
lock
I
Flame retardant materials
per UL 94 V-0
I
Dual mounting bulkhead
design
I
Singlemode and multimode
fiber
I
Can be used with cable
types 9/125, 50/125 and
62.5/125
I
LC to LC internal to the box
Jumpers
I
LC connector accepts
tactical cable with 4.5 mm –
7.5 mm OD
I
ODVA Compliant Plug to X
interface on tactical with
break out
I
ODVA Compliant Plug to
Plug on tactical cable
I
Build to customer need
Applications
The LC ODVA Compliant
Connector is ideal for:
I
Harsh environments where
chemicals, corrosive gases
and liquids are
commonplace
I
Inside and outside industrial
plant and equipment that
interface with industrial
Ethernet networks
I
Remote interface
applications such as towers
and antennae as well as
FTTX in PON and at the
home applications
I
Mobile routers and
internet hardware
Plug Part Numbers:
1828618-1 (Multimode)
1828618-2 (Singlemode)
Receptacle Part Numbers:
1828619-1 (Multimode)
1828619-2 (Singlemode)
Plug & Receptacle Cap
Part Numbers:
Plug Cap
1828740-1
Receptacle Cap
1918177-1
Ø 31.50
[1.240]
97.6
[3.84]
9.46
[.373]
21.00
[.827]
33.73
[1.328]
37.0
[1.45]
12.93
[.509]
2.00
[.079]
Gasket Panel
29.60
[1.165]
19.20
[.756]
Ø 28.50
[1.122]
Ø 34.0
[1.34]
ASSEMBLY CAPABILITIES
TE has extensive rugged optic harness capabilities.
Please consult your local TE Sales Representative for assistance.
Standard Cable Assemblies
Part Number
Description
1828935-X
LC ODVA Compliant Interface, 62.5, 2 Fiber
1828936-X
LC ODVA Compliant Interface, Singlemode, 2 Fiber
Note: X = length in meters
Recommended Panel Cutout
Max. Panel Thickness 3.2 mm


Similar Part No. - X-2064850-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064850-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com