Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064867-X Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # X-2064867-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064867-X Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button X-2064867-X Datasheet HTML 23Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 24Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 25Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 26Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 27Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 28Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 29Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 30Page - List of Unclassifed Manufacturers X-2064867-X Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
27
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
1
Simplex and Duplex Fiber Assemblies
LC Cable Assemblies
LC Loopback Cables
Simplex /
Duplex
Cable Type
Side A
Side B
Jacket Type
Part Number
Singlemode
LC
N/A
N/A
2064872-1
LC
62.5/125
LC
N/A
N/A
2064873-1
Loopback
Multimode
Cables
50/125
LC
N/A
N/A
2064874-1
Multimode
SC Loopback Cables
Simplex /
Duplex
Cable Type
Side A
Side B
Jacket Type
Part Number
Singlemode
SC
N/A
N/A
5504883-1
SC
62.5/125
SC
N/A
N/A
5503141-2
Loopback
Multimode
Cables
50/125
SC
N/A
N/A
5503141-1
Multimode
Simplex /
Part Numbers/Lengths (m)
Duplex
Cable Type
Side A
Side B
Jacket Type
Part Number
135
10
LC
LC
900 micron
X-2064843-X
2064843-1
2064843-3
2064843-5
1-2064843-0
2 mm jacketed riser
X-2064844-X
2064844-1
2064844-3
2064844-5
1-2064844-0
LC
SC
900 micron
X-2064845-X
2064845-1
2064845-3
2064845-5
1-2064845-0
2 mm jacketed riser
X-2064846-X
2064846-1
2064846-3
2064846-5
1-2064846-0
Singlemode
LC
FC
2 mm jacketed riser
X-2064847-X
2064847-1
2064847-3
2064847-5
1-2064847-0
LC /
LC /
2 mm jacketed riser
X-2064869-X
2064869-1
2064869-3
2064869-5
1-2064869-0
APC
APC
Simplex
LC /
SC /
2 mm jacketed riser
X-2064870-X
2064870-1
2064870-3
2064870-5
1-2064870-0
APC
APC
LC /
FC /
2 mm jacketed riser
X-2064871-X
2064871-1
2064871-3
2064871-5
1-2064871-0
APC
APC
50/125
LC
LC
2 mm jacketed riser
X-2064848-X
2064848-1
2064848-3
2064848-5
1-2064848-0
Multimode
LC
SC
2 mm jacketed riser
X-2064849-X
2064849-1
2064849-3
2064849-5
1-2064849-0
62.5/125
LC
LC
900 micron
X-2064850-X
2064850-1
2064850-3
2064850-5
1-2064850-0
Multimode
LC
LC
2 mm jacketed riser
X-2064851-X
2064851-1
2064851-3
2064851-5
1-2064851-0
LC
SC
2 mm jacketed riser
X-2064852-X
2064852-1
2064852-3
2064852-5
1-2064852-0
LC
LC
2 mm jacketed riser
X-2064853-X
2064853-1
2064853-3
2064853-5
1-2064853-0
Singlemode
LC
SC
2 mm jacketed riser
X-2064854-X
2064854-1
2064854-3
2064854-5
1-2064854-0
LC
ST
2 mm jacketed riser
X-2064856-X
2064856-1
2064856-3
2064856-5
1-2064856-0
LC
LC
2 mm jacketed riser
X-2064858-X
2064858-1
2064858-3
2064858-5
1-2064858-0
50/125
LC
SC
2 mm jacketed riser
X-2064859-X
2064859-1
2064859-3
2064859-5
1-2064859-0
Multimode
LC
ST
2 mm jacketed riser
X-2064860-X
2064860-1
2064860-3
2064860-5
1-2064860-0
Duplex
LC
MT-RJ
1.8 mm jacketed riser
X-2064861-X
2064861-1
2064861-3
2064861-5
1-2064861-0
50/125 OM3
LC
LC
2 mm jacketed riser
X-2064862-X
2064862-1
2064862-3
2064862-5
1-2064862-0
10Gig Fiber
LC
SC
2 mm jacketed riser
X-2064863-X
2064863-1
2064863-3
2064863-5
1-2064863-0
LC
LC
2 mm jacketed riser
X-2064865-X
2064865-1
2064865-3
2064865-5
1-2064865-0
62.5/125
LC
SC
2 mm jacketed riser
X-2064866-X
2064866-1
2064866-3
2064866-5
1-2064866-0
Multimode
LC
ST
2 mm jacketed riser
X-2064867-X
2064867-1
2064867-3
2064867-5
1-2064867-0
LC
MT-RJ
1.8 mm jacketed riser
X-2064868-X
2064868-1
2064868-3
2064868-5
1-2064868-0
Additional lengths available. See TE specification 1206850 for more details.
Note: All part numbers are RoHS compliant.


Similar Part No. - X-2064867-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064867-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com