Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC179PE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75LBC179PE4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179PE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LBC179PE4 Datasheet HTML 6Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 7Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 8Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 9Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 10Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 11Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 12Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 13Page - Texas Instruments SN75LBC179PE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN75LBC179, SN65LBC179, SN65LBC179Q
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS173F − JANUARY 1994 − REVISED APRIL 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL CHARACTERISTICS − D PACKAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Junction−to−ambient thermal reisistance,
θJA†
Low-K board, no air flow
199.4
Junction−to−ambient thermal reisistance,
θJA†
High-K board, no air flow
119
°C/W
Junction−to−board thermal reisistance,
θJB
High-K board, no air flow
67
°C/W
Junction−to−case thermal reisistance,
θJC
46.6
Average power dissipation, P(AVG)
RL = 54 Ω, input to D is 10 Mbps 50% duty
cycle square wave, VCC = 5.25 V, TJ = 130
°C.
330
mW
Thermal shutdown junction temperature, TSD
165
°C
† See TI application note literature number SZZA003, Package Thermal Characterization Methodologies, for an explanation of this parameter.


Similar Part No. - SN75LBC179PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC179P TI-SN75LBC179P Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com