Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIX4192 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192
Description  Integrated Digital Audio Interface Receiver and Transmitter
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192 Datasheet(HTML) 2 Page - Texas Instruments

  DIX4192 Datasheet HTML 1Page - Texas Instruments DIX4192 Datasheet HTML 2Page - Texas Instruments DIX4192 Datasheet HTML 3Page - Texas Instruments DIX4192 Datasheet HTML 4Page - Texas Instruments DIX4192 Datasheet HTML 5Page - Texas Instruments DIX4192 Datasheet HTML 6Page - Texas Instruments DIX4192 Datasheet HTML 7Page - Texas Instruments DIX4192 Datasheet HTML 8Page - Texas Instruments DIX4192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
www.ti.com
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(1)
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
The DIX4192 is a highly-integrated CMOS device designed for use in professional and broadcast digital audio
systems. The DIX4192 combines a digital audio interface receiver (DIR) and transmitter (DIT), two audio serial
ports, and flexible distribution logic for interconnection of the function block data and clocks.
The DIR and DIT are compatible with the AES3, S/PDIF, IEC 60958, and EIAJ CP-1201 interface standards.
The audio serial ports and DIT may be operated at sampling rates up to 216kHz. The DIR lock range includes
sampling rates from 20kHz to 216kHz.
The DIX4192 is configured using on-chip control registers and data buffers, which are accessed through either a
4-wire serial peripheral interface (SPI) port, or a 2-wire Philips I2C bus interface. Status registers provide access
to a variety of flag and error bits, which are derived from the various function blocks. An open-drain interrupt
output pin is provided, and is supported by flexible interrupt reporting and mask options via control register
settings. A master reset input pin is provided for initialization by a host processor or supervisory functions.
The DIX4192 requires a +1.8V core logic supply, in addition to a +3.3V supply for powering portions of the DIR,
DIT, and line driver and receiver functions. A separate logic I/O supply supports operation from +1.65V to +3.6V,
providing compatibility with low voltage logic interfaces typically found on digital signal processors and
programmable logic devices. The DIX4192 is available in a lead-free, TQFP-48 package, and is pin- and
register-compatible with the Texas Instruments SRC4382 and SRC4392 products.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
DIX4192IPFBT
Tape and Reel, 250
DIX4192
TQFP-48
PFB
–40°C to +85°C
DIX4192I
DIX4192IPFBR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power supplies
VDD18
–0.3V to +2.0V
VDD33
–0.3V to +4.0V
VIO
–0.3V to +4.0V
VCC
–0.3V to +4.0V
Digital input voltage: Digital logic
–0.3V to (VIO + 0.3V)
RXCKI, CPM, CS, CCLK, CDIN, CDOUT, INT, RST, MCLK, BLS, SYNC, BCKA, BCKB,
LRCKA, LRCKB, SDINA, SDINB
Line receiver input voltage (per pin)
(VDD33 + 0.3) VPP
RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–
Input current (all pins except power and ground)
±10mA
Ambient operating temperature
–40°C to +85°C
Storage temperature
–65°C to +150°C
(1)
These limits are stress ratings only. Stresses beyond these limits may result in permanent damage. Extended exposure to absolute
maximum ratings may degrade device reliability. Normal operation or performance at or beyond these limits is not specified or ensured.
2
Submit Documentation Feedback


Similar Part No. - DIX4192

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - DIX4192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com