Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA353UA2K5G4 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA353UA2K5G4
Description  High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353UA2K5G4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA353UA2K5G4 Datasheet HTML 3Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 4Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 5Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 6Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 7Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 8Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 9Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 10Page - Texas Instruments OPA353UA2K5G4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
®
OPA353, 2353, 4353
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
CL = 100pF
100ns/div
LARGE-SIGNAL STEP RESPONSE
CL = 100pF
200ns/div
Offset Voltage Drift (
µV/°C)
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
35
30
25
20
15
10
5
0
0123456789
10 11 12 13 14 15
Typical production
distribution of
packaged units.
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
1M
100
1k
10k
100k
Load Capacitance (pF)
10
80
70
60
50
40
30
20
10
0
G = 1
G = –1
G =
±10
SETTLING TIME vs CLOSED-LOOP GAIN
10
1
0.1
Closed-Loop Gain (V/V)
±1
±10
±100
0.1%
0.01%
Offset Voltage (mV)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
25
20
15
10
5
0
–8 –7 –6 –5 4 –3 –2 –1 0
1
2
3
4
5
6
7
8
Typical production
distribution of
packaged units.


Similar Part No. - OPA353UA2K5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353UA2K5G4 TI-OPA353UA2K5G4 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results

Similar Description - OPA353UA2K5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com