Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA728AIDGKTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA728AIDGKTG4
Description  e-trim 20MHz, High Precision CMOS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA728AIDGKTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA728AIDGKTG4 Datasheet HTML 7Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 8Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 9Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 10Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 11Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 12Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 13Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 14Page - Texas Instruments OPA728AIDGKTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
APPLICATIONS INFORMATION
OPERATING VOLTAGE
V
=DGND
REF
Digital
Logic
Enable
OPA728
+12V
a)Single-SupplyConfiguration
b)Dual-SupplyConfiguration
V
=D
REF
GND
REF
REF
Digital
Logic
Enable
OPA728
+5V
-
5V
V
OUT
V
OUT
ENABLE/SHUTDOWN
INPUT OVER-VOLTAGE PROTECTION
COMMON-MODE VOLTAGE RANGE
R
OPA727
V+
V-
V
IN
V
OUT
10mAmax
I
OVERLOAD
OPA727,, OPA2727
OPA4727, OPA728
SBOS314H – SEPTEMBER 2004 – REVISED APRIL 2007
Common-mode rejection is excellent throughout the
The OPA727 and OPA728 family of op amps use
input voltage range from V– to (V+) – 3V. CMRR
e-trim,
an
adjustment
to
offset
voltage
and
decreases somewhat as the common-mode voltage
temperature drift made during the final steps of
extends to (V+) – 2.5V, but remains very good and is
manufacturing after the plastic molding is completed.
tested throughout this range. See the Electrical
This compensates for performance shifts that can
Characteristics table for details.
occur during the molding process. Through e-trim,
the OPA727 and OPA728 deliver excellent offset
voltage (150
µV max) and extremely low offset
voltage drift (1.5
µV/°C). Additionally, these 20MHz
CMOS op amps have a fast slew rate, low noise, and
excellent PSRR, CMRR, and AOL. They can operate
on typically 4.3mA quiescent current from a single (or
split) supply in the range of 4V to 12V (
±2V to ±6V),
making them highly versatile and easy to use. They
are stable in a unity-gain configuration.
Power-supply pins should be bypassed with 1nF
ceramic capacitors in parallel with 1
µF tantalum
capacitors.
OPA727 series op amps are specified from 4V to
12V supplies over a temperature range of –40
°C to
+125
°C. They will operate well in ±5V or +5V to
+12V power-supply systems. Parameters that vary
significantly with operating voltage or temperature
are shown in the Typical Characteristics.
Figure 28. Enable Reference Pin Connection for
OPA727 series op amps require approximately
Single- and Dual-Supply Configurations
4.3mA
quiescent
current.
The
enable/shutdown
feature of the OPA728 allows the op amp to be shut
off to reduce this current to approximately 6
µA.
The enable/shutdown input is referenced to the
Device inputs are protected by ESD diodes that will
Enable Reference Pin, REF (see Pin Configurations).
conduct if the input voltages exceed the power
This pin can be connected to logic ground in
supplies
by
more
than
approximately
300mV.
dual-supply
op
amp
configurations
to
avoid
Momentary voltages greater than 300mV beyond the
level-shifting the enable logic signal, as shown in
power supply can be tolerated if the current is limited
Figure 28.
to 10mA. This is easily accomplished with an input
resistor in series with the op amp, as shown in
The Enable Reference Pin voltage, VREF, must not
Figure 29. The OPA727 series features no phase
exceed (V+) – 2V. It may be set as low as V–. The
inversion when the inputs extend beyond supplies, if
amplifier is enabled when the Enable Pin voltage is
the input is current limited.
greater than VREF + 2V. The amplifier is disabled
(shutdown) if the Enable Pin voltage is less than
VREF + 0.8V. The Enable Pin is connected to internal
pull-up circuitry and will enable the device if left
unconnected.
The input common-mode voltage range of the
OPA727 and OPA728 series extends from V– to
(V+) – 2.5V.
Figure 29. Input Current Protection for Voltages
Exceeding the Supply Voltage
11
Submit Documentation Feedback


Similar Part No. - OPA728AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA728 BURR-BROWN-OPA728 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
More results

Similar Description - OPA728AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V02 Datasheet
3Mb / 47P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
OPA192 TI1-OPA192 Datasheet
2Mb / 35P
[Old version datasheet]   High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com