Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGH15N60RUF Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SGH15N60RUF
Description  Short Circuit Rated IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGH15N60RUF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SGH15N60RUF Datasheet HTML 1Page - Fairchild Semiconductor SGH15N60RUF Datasheet HTML 2Page - Fairchild Semiconductor SGH15N60RUF Datasheet HTML 3Page - Fairchild Semiconductor SGH15N60RUF Datasheet HTML 4Page - Fairchild Semiconductor SGH15N60RUF Datasheet HTML 5Page - Fairchild Semiconductor SGH15N60RUF Datasheet HTML 6Page - Fairchild Semiconductor SGH15N60RUF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SGH15N60RUF Rev. A1
©2002 Fairchild Semiconductor Corporation
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
02
4
6
8
0
5
10
15
20
25
30
35
40
45
50
20V
12V
15V
V
GE = 10V
Common Emitter
T
C = 25
Collector - Emitter Voltage, V
CE [V]
110
0
5
10
15
20
25
30
35
40
45
Common Emitter
V
GE = 15V
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector - Emitter Voltage, V
CE [V]
-50
0
50
100
150
1.0
1.5
2.0
2.5
3.0
3.5
4.0
30A
15A
I
C = 8A
Common Emitter
V
GE = 15V
Case Temperature, T
C [
℃]
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 25
30A
15A
I
C = 7A
Gate - Emitter Voltage, V
GE [V]
0
4
8
121620
0
4
8
12
16
20
Common Emitter
T
C = 125
30A
15A
I
C = 7A
Gate - Emitter Voltage, V
GE [V]
0
4
8
12
16
20
24
0.1
1
10
100
1000
Duty cycle : 50%
T
C = 100
Power Dissipation = 25W
V
CC = 300V
Load Current : peak of square wave
Frequency [KHz]


Similar Part No. - SGH15N60RUF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N60RUFD FAIRCHILD-SGH15N60RUFD Datasheet
612Kb / 8P
   Short Circuit Rated IGBT
SGH15N60RUFDTU FAIRCHILD-SGH15N60RUFDTU Datasheet
618Kb / 8P
   Short Circuit Rated IGBT
More results

Similar Description - SGH15N60RUF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
SGW5N60RUFD FAIRCHILD-SGW5N60RUFD Datasheet
615Kb / 8P
   Short Circuit Rated IGBT
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
   Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com