Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS116DGGR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS116DGGR
Description  16-PORT LVDS REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS116DGGR Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS116DGGR Datasheet HTML 1Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 2Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 3Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 4Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 5Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 6Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 7Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 8Page - Texas Instruments SN65LVDS116DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
VCC
VCC
GND
ENA
ENA
NC
NC
NC
ENB
ENB
NC
NC
NC
GND
VCC
VCC
GND
A
B
NC
ENC
ENC
S0
S1
SM
END
END
GND
VCC
VCC
GND
A1Y
A1Z
A2Y
A2Z
A3Y
A3Z
A4Y
A4Z
B1Y
B1Z
B2Y
B2Z
B3Y
B3Z
B4Y
B4Z
C1Y
C1Z
C2Y
C2Z
C3Y
C3Z
C4Y
C4Z
D1Y
D1Z
D2Y
D2Z
D3Y
D3Z
D4Y
D4Z
DGG PACKAGE
(TOP VIEW)
SN65LVDS116
SLLS370D – SEPTEMBER 1999 – REVISED FEBRUARY 2005
16-PORT LVDS REPEATER
The intended application of this device and signaling
technique is for point-to-point or multidrop baseband
One Receiver and Sixteen Line Drivers Meet
data transmission over controlled impedance media
or Exceed the Requirements of ANSI
of approximately 100
Ω. The transmission media may
EIA/TIA-644 Standard
be printed-circuit board traces, backplanes, or cables.
Typical Data Signaling Rates to 400 Mbps or
The large number of drivers integrated into the same
Clock Frequencies to 400 MHz
substrate along with the low pulse skew of balanced
signaling, allows extremely precise timing alignment
Enabling Logic Allows Separate Control of
of the signals repeated from the input. This is
Each Bank of Four Channels or 2-Bit
particularly advantageous in system clock distribution.
Selection of Any One of the Four Banks
The SN65LVDS116 is characterised for operation
Low-Voltage Differential Signaling With
from –40
°C to 85°C.
Typical Output Voltage of 350 mV and a 100-
Load
Electrically Compatible With LVDS, PECL,
LVPECL, LVTTL, LVCMOS, GTL, BTL, CTT,
SSTL, or HSTL Outputs With External
Termination Networks
Propagation Delay Times < 4.7 ns
Output Skew Is < 300 ps and Part-to-Part
Skew < 1.5 ns
Total Power Dissipation Typically 470 mW
With All Ports Enabled and at 200 MHz
Driver Outputs or Receiver Input Is High
Impedance When Disabled or With VCC < 1.5
V
Bus-Pin ESD Protection Exceeds 12 kV
Packaged in Thin Shrink Small-Outline
Package With 20-Mil Terminal Pitch
The SN65LVDS116 is one differential line receiver
connected to sixteen differential line drivers that
implement the electrical characteristics of low-voltage
differential signaling (LVDS). LVDS, as specified in
EIA/TIA-644, is a data signaling technique that offers
the low-power, low-noise coupling, and fast switching
speeds to transmit data at relatively long distances.
(Note: The ultimate rate and distance of data transfer
is dependent upon the attenuation characteristics of
the media, the noise coupling to the environment, and
other system characteristics.)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDS116DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS116DGG TI-SN65LVDS116DGG Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
More results

Similar Description - SN65LVDS116DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150 Datasheet
204Kb / 10P
   Low-Jitter, 10-Port LVDS Repeater
Rev 0;; 10//00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com