Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS880A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALS880A
Description  DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS880A Datasheet(HTML) 6 Page - Texas Instruments

  SN74ALS880A Datasheet HTML 1Page - Texas Instruments SN74ALS880A Datasheet HTML 2Page - Texas Instruments SN74ALS880A Datasheet HTML 3Page - Texas Instruments SN74ALS880A Datasheet HTML 4Page - Texas Instruments SN74ALS880A Datasheet HTML 5Page - Texas Instruments SN74ALS880A Datasheet HTML 6Page - Texas Instruments SN74ALS880A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN54AS880, SN74AS880
DUAL 4BIT DTYPE LATCHES WITH 3STATE OUTPUTS
SDAS079A − D2661, DECEMBER 1982 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
6
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
FROM
TO
R1 = 500
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
R2 = 500
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = MIN to MAX
UNIT
SN54AS880
SN74AS880
MIN
MAX
MIN
MAX
tPLH
D
Q
4
11
4
9.5
ns
tPHL
D
Q
4
9
4
8.5
ns
tPLH
C
Q
6
14
6
11.5
ns
tPHL
C
Q
4
10
4
8
ns
tPHL
PRE
Q
4
11.5
4
10
ns
tPZH
OC
Q
2
8
2
7.5
ns
tPZL
OC
Q
4
11
4
10
ns
tPHZ
OC
Q
2
8
2
6.5
ns
tPLZ
OC
Q
2
9
2
8
ns
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.


Similar Part No. - SN74ALS880A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS880A TI-SN74ALS880A Datasheet
82Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS880A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS873B TI-SN54ALS873B Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54ALS873B TI-SNJ54ALS873B Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS880A TI-SN54ALS880A Datasheet
82Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com