Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL1655DGGR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTL1655DGGR
Description  16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL1655DGGR Datasheet(HTML) 2 Page - Texas Instruments

  SN74GTL1655DGGR Datasheet HTML 1Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 2Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 3Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 4Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 5Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 6Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 7Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 8Page - Texas Instruments SN74GTL1655DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN74GTL1655
16-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVER
WITH LIVE INSERTION
SCBS696I – JULY 1997 – REVISED APRIL 2005
This device is partitioned uniquely as two 8-bit transceivers with individual latch timing and output signals, but
with a common clock and output enable inputs for both transceiver words.
Data flow for each word is determined by the respective latch enables (LEAB and LEBA), output enables (OEAB
and OEBA), and clock (CLK). The output enables (1OEAB, 1OEBA, 2OEAB, and 2OEBA) control byte 1 and
byte 2 data for the A-to-B and B-to-A directions, respectively.
For A-to-B data flow, the devices operate in the transparent mode when LEAB is high. When LEAB transitions
low, the A data is latched independent of CLK high or low. If LEAB is low, the A data is registered on the CLK
low-to-high transition. When OEAB is low, the outputs are active. With OEAB high, the outputs are in the
high-impedance state.
Data flow for the B-to-A direction is identical, but uses OEBA, LEBA, and CLK. Note that CLK is common to both
directions and both 8-bit words. OE also is common and is used to disable all I/O ports simultaneously.
The SN74GTL1655 has adjustable edge-rate control (VERC). Changing VERC input voltage between GND and VCC
adjusts the B-port output rise and fall times. This allows the designer to optimize for various loading conditions.
This device is fully specified for live-insertion applications using Ioff, power-up 3-state, and BIAS VCC. The Ioff
circuitry disables the outputs, preventing damaging current backflow through the device when it is powered
down. The power-up 3-state circuitry places the outputs in the high-impedance state during power up and power
down, which prevents driver conflict. The BIAS VCC circuitry precharges and preconditions the B-port input/output
connections, preventing disturbance of active data on the backplane during card insertion or removal, and
permits true live-insertion capability.
When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven LVTTL inputs at a valid logic state. Use of pullup or pulldown
resistors with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
TSSOP – DGG
Tape and reel
SN74GTL1655DGGR
GTL1655
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2


Similar Part No. - SN74GTL1655DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL1655DGG TI-SN74GTL1655DGG Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results

Similar Description - SN74GTL1655DGGR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com