Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV001 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV001
Description  DS90LV001 800 Mbps LVDS Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV001 Datasheet(HTML) 3 Page - Texas Instruments

  DS90LV001 Datasheet HTML 1Page - Texas Instruments DS90LV001 Datasheet HTML 2Page - Texas Instruments DS90LV001 Datasheet HTML 3Page - Texas Instruments DS90LV001 Datasheet HTML 4Page - Texas Instruments DS90LV001 Datasheet HTML 5Page - Texas Instruments DS90LV001 Datasheet HTML 6Page - Texas Instruments DS90LV001 Datasheet HTML 7Page - Texas Instruments DS90LV001 Datasheet HTML 8Page - Texas Instruments DS90LV001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS90LV001
www.ti.com
SNLS067E – JANUARY 2001 – REVISED APRIL 2013
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS (EN)
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = 3.6V or 2.0V, VCC = 3.6V
+7
+20
μA
IIL
Low Level Input Current
VIN = GND or 0.8V, VCC = 3.6V
±1
±10
μA
VCL
Input Clamp Voltage
ICL = −18 mA
−0.6
−1.5
V
LVDS OUTPUT DC SPECIFICATIONS (OUT)
VOD
Differential Output Voltage
RL = 100Ω
250
325
450
mV
Figure 2 and Figure 3
ΔVOD
Change in Magnitude of VOD for Complimentary
20
mV
Output States
VOS
Offset Voltage
RL = 100Ω
1.080
1.19
1.375
V
Figure 2
ΔVOS
Change in Magnitude of VOS for Complimentary
20
mV
Output States
IOZ
Output TRI-STATE Current
EN = 0V, VOUT = VCC or GND
±1
±10
μA
IOFF
Power-Off Leakage Current
VCC = 0V, VOUT = 3.6V or GND
±1
±10
μA
IOS
Output Short Circuit Current(3)
EN = VCC, VOUT+ and VOUT− = 0V
−16
−24
mA
IOSD
Differential Output Short Circuit Current(3)
EN = VCC, VOD = 0V
−7
−12
mA
LVDS RECEIVER DC SPECIFICATIONS (IN)
VTH
Differential Input High Threshold
VCM = +0.05V, +1.2V or +3.25V
0
+100
mV
VTL
Differential Input Low Threshold
−100
0
mV
VCMR
Common Mode Voltage Range
VID = 100mV, VCC = 3.3V
0.05
3.25
V
IIN
Input Current
VIN = +3.0V
VCC = 3.6V or 0V
±1
±10
μA
VIN = 0V
±1
±10
μA
ΔIIN
Change in Magnitude of IIN
VIN = +3.0V
VCC = 3.6V or 0V
1
6
μA
VIN = 0V
1
6
μA
SUPPLY CURRENT
ICCD
Total Supply Current
EN = VCC, RL = 100Ω, CL = 5 pF
47
70
mA
ICCZ
TRI-STATE Supply Current
EN = 0V
22
35
mA
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(2)
All typical are given for VCC = +3.3V and TA = +25°C, unless otherwise stated.
(3)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90LV001


Similar Part No. - DS90LV001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
DS90LV001 NSC-DS90LV001 Datasheet
510Kb / 16P
   800 Mbps LVDS Buffer
logo
Texas Instruments
DS90LV001 TI1-DS90LV001 Datasheet
1Mb / 22P
[Old version datasheet]   800 Mbps LVDS Buffer
DS90LV001 TI1-DS90LV001 Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV001TLD NSC-DS90LV001TLD Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
More results

Similar Description - DS90LV001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_15 Datasheet
1Mb / 21P
[Old version datasheet]   800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001_08 Datasheet
510Kb / 16P
   800 Mbps LVDS Buffer
logo
Texas Instruments
DS90LV001 TI1-DS90LV001_14 Datasheet
1Mb / 22P
[Old version datasheet]   800 Mbps LVDS Buffer
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Texas Instruments
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
[Old version datasheet]   4-Channel 800 Mbps LVDS Buffer/Repeater
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
   4-Channel 800 Mbps LVDS Buffer/Repeater
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
Texas Instruments
DS08MB200 TI1-DS08MB200_13 Datasheet
866Kb / 14P
[Old version datasheet]   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com