Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC4851QPWRG4Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC4851QPWRG4Q1
Description  8-CHANNEL ANALOG LTIPLEXER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4851QPWRG4Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HC4851QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 10Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 11Page - Texas Instruments SN74HC4851QPWRG4Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SN74HC4851-Q1
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTION-CURRENT EFFECT CONTROL
SCLS554C
− JANUARY 2004 − REVISED SEPTEMBER 2012
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
APPLICATION INFORMATION
5 V
VCC
Sensor
’HC4851
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
VCC
Microcontroller
(8× Identical
Circuitry)
Channel 6
Channel 7
Channel 8
Common Out
A/D
− Input
Figure 3. Solution by Applying the ’HC4851 Multiplexer
Disabled Analog Multiplex Input
VIN > VCC + 0.7 V
Gate = VCC
(Disabled)
Common Analog Output
Vout > VCC
P+
P+
+
+
+
N
− Substrate (on V
CC potential)
Figure 4. Diagram of Bipolar Coupling Mechanism
(Appears if VIN Exceeds VCC, Driving Injection Current Into the Substrate)


Similar Part No. - SN74HC4851QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4851QPWRQ1 TI-SN74HC4851QPWRQ1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
More results

Similar Description - SN74HC4851QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com