Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LT012ATMF Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LT012ATMF
Description  DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LT012ATMF Datasheet(HTML) 3 Page - Texas Instruments

  DS90LT012ATMF Datasheet HTML 1Page - Texas Instruments DS90LT012ATMF Datasheet HTML 2Page - Texas Instruments DS90LT012ATMF Datasheet HTML 3Page - Texas Instruments DS90LT012ATMF Datasheet HTML 4Page - Texas Instruments DS90LT012ATMF Datasheet HTML 5Page - Texas Instruments DS90LT012ATMF Datasheet HTML 6Page - Texas Instruments DS90LT012ATMF Datasheet HTML 7Page - Texas Instruments DS90LT012ATMF Datasheet HTML 8Page - Texas Instruments DS90LT012ATMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DS90LT012A, DS90LV012A
www.ti.com
SNLS141D – AUGUST 2002 – REVISED APRIL 2013
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)
−0.3V to +4V
Input Voltage (IN+, IN
−)
−0.3V to +3.9V
Output Voltage (TTL OUT)
−0.3V to (VDD + 0.3V)
Output Short Circuit Current
−100mA
Maximum Package Power Dissipation @ +25°C
NGK Package
2.26 W
Derate NGK Package
18.1 mW/°C above +25°C
Thermal resistance (
θJA)
55.3°C/W
DBV Package
902mW
Derate DBV Package
7.22 mW/°C above +25°C
Thermal resistance (
θJA)
138.5°C/W
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range Soldering (4 sec.)
+260°C
Maximum Junction Temperature
+150°C
ESD Ratings (2)
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. Electrical Characteristics specifies conditions of device operation.
(2)
ESD Ratings:
(a) DS90LV012A:
(a) HBM (1.5 k
Ω, 100 pF) ≥ 2kV
(b) EIAJ (0
Ω, 200 pF) ≥ 900V
(c) CDM
≥ 2000V
(d) IEC direct (330
Ω, 150 pF) ≥ 5kV
(b) DS90LT012A:
(a) HBM (1.5 k
Ω, 100 pF) ≥ 2kV
(b) EIAJ (0
Ω, 200 pF) ≥ 700V
(c) CDM
≥ 2000V
(d) IEC direct (330
Ω, 150 pF) ≥ 7kV
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VDD)
+2.7
+3.3
+3.6
V
Operating Free Air Temperature (TA)
−40
25
+85
°C
Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2)
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified (such as VID).
(2)
All typicals are given for: VDD = +3.3V and TA = +25°C.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90LT012A DS90LV012A


Similar Part No. - DS90LT012ATMF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012ATMF NSC-DS90LT012ATMF Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LT012ATMF NSC-DS90LT012ATMF Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012ATMF TI-DS90LT012ATMF Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LT012ATMF TI1-DS90LT012ATMF Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LT012ATMF/NOPB TI1-DS90LT012ATMF/NOPB Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LT012ATMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV012ATMF TI-DS90LV012ATMF Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com