Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH8T245DGVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74LVCH8T245DGVRG4
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCH8T245DGVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVCH8T245DGVRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH8T245DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN74LVCH8T245
8-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES637A – AUGUST 2005 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
6.5
V
VCCB
I/O ports (A port)
–0.5
6.5
VI
Input voltage range(2)
I/O ports (B port)
–0.5
6.5
V
Control inputs
–0.5
6.5
A port
–0.5
6.5
Voltage range applied to any output
VO
V
in the high-impedance or power-off state(2)
B port
–0.5
6.5
A port
–0.5 VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)(3)
V
B port
–0.5 VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCCA, VCCB, and GND
±100
mA
DB package
70
DGV package
58
θ
JA
Package thermal impedance(4)
°C/W
PW package
88
RHL package
43
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The output positive-voltage rating may be exceeded up to 6.5 V maximum if the output current rating is observed.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback


Similar Part No. - 74LVCH8T245DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI-74LVCH8T245DGVRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DGVRG4 TI1-74LVCH8T245DGVRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Similar Description - 74LVCH8T245DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com