Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3851011202BPA Datasheet(PDF) 6 Page - Texas Instruments

Part # M3851011202BPA
Description  DUAL DIFFERENTIAL COMPARATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

M3851011202BPA Datasheet(HTML) 6 Page - Texas Instruments

Back Button M3851011202BPA Datasheet HTML 2Page - Texas Instruments M3851011202BPA Datasheet HTML 3Page - Texas Instruments M3851011202BPA Datasheet HTML 4Page - Texas Instruments M3851011202BPA Datasheet HTML 5Page - Texas Instruments M3851011202BPA Datasheet HTML 6Page - Texas Instruments M3851011202BPA Datasheet HTML 7Page - Texas Instruments M3851011202BPA Datasheet HTML 8Page - Texas Instruments M3851011202BPA Datasheet HTML 9Page - Texas Instruments M3851011202BPA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM193, LM293, LM293A
LM393, LM393A, LM2903, LM2903V
DUAL DIFFERENTIAL COMPARATORS
SLCS005W − JUNE 1976 − REVISED JULY 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
LM2903
LM2903A
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
VCC = 5 V to MAX,
V
14V
25
°C
2
7
1
2
mV
VIO
Input offset voltage
VO = 1.4 V,
VIC = VIC(min)
Full range
15
4
mV
I
Input offset current
V
14V
25
°C
5
50
5
50
nA
IIO
Input offset current
VO = 1.4 V
Full range
200
200
nA
I
Input bias current
V
14V
25
°C
−25
−250
−25
−250
nA
IIB
Input bias current
VO = 1.4 V
Full range
−500
−500
nA
V
Common-mode
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common mode
input voltage range§
Full range
0 to
VCC − 2
0 to
VCC − 2
V
AVD
Large-signal
differential-voltage
amplification
VCC = 15 V,
VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25
°C
25
100
25
100
V/mV
I
High-level
VOH = 5 V,
VID = 1 V
25
°C
0.1
50
0.1
50
nA
IOH
High level
output current
VOH = VCC MAX, VID = 1 V
Full range
1
1
µA
V
Low-level
I
4mA
V
1V
25
°C
150
400
150
400
mV
VOL
Low level
output voltage
IOL = 4 mA,
VID = −1 V
Full range
700
700
mV
IOL
Low-level
output current
VOL = 1.5 V,
VID = −1 V
25
°C
6
6
mA
I
Supply current
R =
VCC = 5 V
25
°C
0.8
1
0.8
1
mA
ICC
Supply current
RL = ∞
VCC = MAX
Full range
2.5
2.5
mA
Full range (MIN or MAX) for LM2903 is −40
°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise
specified.
VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices.
§ The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage
range is VCC+ − 1.5 V, but either or both inputs can go to 30 V (32 V for V-suffix devices) without damage.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
LM193
LM293, LM293A
LM393, LM393A
LM2903
UNIT
TYP
Response time
RL connected to 5 V through 5.1 kΩ,
100-mV input step with 5-mV overdrive
1.3
µs
Response time
RL connected to 5 V through 5.1 kΩ,
CL = 15 pF, See Note 8
TTL-level input step
0.3
µs
CL includes probe and jig capacitance.
NOTE 8: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.


Similar Part No. - M3851011202BPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
M3851011202BPA TI-M3851011202BPA Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - M3851011202BPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com