Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD11DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD11DR
Description  3.3-V RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD11DR Datasheet(HTML) 4 Page - Texas Instruments

  SN75HVD11DR Datasheet HTML 1Page - Texas Instruments SN75HVD11DR Datasheet HTML 2Page - Texas Instruments SN75HVD11DR Datasheet HTML 3Page - Texas Instruments SN75HVD11DR Datasheet HTML 4Page - Texas Instruments SN75HVD11DR Datasheet HTML 5Page - Texas Instruments SN75HVD11DR Datasheet HTML 6Page - Texas Instruments SN75HVD11DR Datasheet HTML 7Page - Texas Instruments SN75HVD11DR Datasheet HTML 8Page - Texas Instruments SN75HVD11DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SN65HVD10, SN65HVD10Q, SN75HVD10
SN65HVD11, SN65HVD11Q, SN75HVD11
SN65HVD12, SN75HVD12
SLLS505M – FEBRUARY 2002 – REVISED JULY 2013
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
HVD10
5
8.5
16
tPLH
Propagation delay time, low-to-high-level output
HVD11
18
25
40
ns
HVD12
135
200
300
HVD10
5
8.5
16
tPHL
Propagation delay time, high-to-low-level output
HVD11
18
25
40
ns
HVD12
135
200
300
HVD10
3
4.5
10
RL = 54 Ω, CL = 50 pF,
tr
Differential output signal rise time
HVD11
10
20
30
ns
See Figure 4
HVD12
100
170
300
HVD10
3
4.5
10
tf
Differential output signal fall time
HVD11
10
20
30
ns
HVD12
100
170
300
HVD10
1.5
tsk(p)
Pulse skew (|tPHL – tPLH|)
HVD11
2.5
ns
HVD12
7
HVD10
6
tsk(pp)
(2)
Part-to-part skew
HVD11
11
ns
HVD12
100
HVD10
31
Propagation delay time, high-impedance-to-high-
tPZH
HVD11
55
ns
level output
HVD12
300
RL = 110 Ω, RE at 0 V,
See Figure 5
HVD10
25
Propagation delay time, high-level-to-high-
tPHZ
HVD11
55
ns
impedance output
HVD12
300
HVD10
26
Propagation delay time, high-impedance-to-low-
tPZL
HVD11
55
ns
level output
HVD12
300
RL = 110 Ω, RE at 0 V,
See Figure 6
HVD10
26
Propagation delay time, low-level-to-high-
tPLZ
HVD11
75
ns
impedance output
HVD12
400
RL = 110 Ω, RE at 3 V,
tPZH
Propagation delay time, standby-to-high-level output
6
μs
See Figure 5
RL = 110 Ω, RE at 3 V,
tPZL
Propagation delay time, standby-to-low-level output
6
μs
See Figure 6
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD10 SN65HVD10Q SN75HVD10 SN65HVD11 SN65HVD11Q SN75HVD11
SN65HVD12 SN75HVD12


Similar Part No. - SN75HVD11DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD11D TI-SN75HVD11D Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN75HVD11D TI-SN75HVD11D Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD11DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
THVD1419 TI1-THVD1419 Datasheet
437Kb / 23P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
THVD1419 TI1-THVD1419_18 Datasheet
1,014Kb / 27P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com