Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5614APHD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5614APHD
Description  150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5614APHD Datasheet(HTML) 1 Page - Texas Instruments

  TAS5614APHD Datasheet HTML 1Page - Texas Instruments TAS5614APHD Datasheet HTML 2Page - Texas Instruments TAS5614APHD Datasheet HTML 3Page - Texas Instruments TAS5614APHD Datasheet HTML 4Page - Texas Instruments TAS5614APHD Datasheet HTML 5Page - Texas Instruments TAS5614APHD Datasheet HTML 6Page - Texas Instruments TAS5614APHD Datasheet HTML 7Page - Texas Instruments TAS5614APHD Datasheet HTML 8Page - Texas Instruments TAS5614APHD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
0,1
1
10
4Ohm (6kHz)
4Ohm (1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
0,001
0,01
0,1
1
10
0,01
1
100
P
O - Output Power - W
4Ohm (6kHz)
4Ohm (1kHz)
TOTAL HARMONIC DISTORTION+NOISE
VS
OUTPUT POWER
TC = 75 C
CONFIG = BTL
TAS5614A
www.ti.com
SLAS712B
– JUNE 2010 – REVISED MARCH 2011
150W STEREO / 300W MONO PurePath™ HD DIGITAL-INPUT POWER STAGE
Check for Samples: TAS5614A
1
FEATURES
APPLICATIONS
Home Theater Systems
23
PurePath™ HD Enabled Integrated Feedback
Provides:
AV Receivers
Signal Bandwidth up to 80kHz for High
DVD/Blu-ray™ Receivers
Frequency Content From HD Sources
Mini Combo Systems
Ultralow 0.03% THD at 1W into 4Ω
Active Speakers and Subwoofers
Ultralow 0.01% THD at 1W into 8Ω
DESCRIPTION
Flat THD at all Frequencies for Natural
The TAS5614A is a high performance digital input
Sound
Class
D
amplifier
with
integrated
closed
loop
80dB PSRR (BTL, No Input Signal)
feedback technology (known as PurePath
™ HD) with
– >
100dB (A weighted) SNR
the ability to drive up to 150W (1) Stereo into 4 to 8
Click and Pop Free Startup
Speakers from a single 36V supply.
Pin compatible with TAS5631, TAS5616 and
PurePath
HD
technology
enables
traditional
TAS5612
AB-Amplifier performance (
<0.03% THD) levels while
providing the power efficiency of traditional class D
Multiple Configurations Possible on the Same
amplifiers.
PCB With Stuffing Options:
Mono Parallel Bridge Tied Load (PBTL)
Unlike traditional Class D amplifiers, the distortion
curve only increases once the output levels move into
Stereo Bridge Tied Load (BTL)
clipping. PurePath
™ HD Power PAD™
2.1 Single Ended Stereo Pair and Bridge
PurePath
™ HD technology enables lower idle losses
Tied Load Subwoofer
making the device even more efficient.
Total Output Power at 10%THD+N
300W in Mono PBTL Configuration
150W per Channel in Stereo BTL
Configuration
Total Output Power in BTL Configuration at
1%THD+N
160W Stereo into 3Ω
125W Stereo into 4Ω
85W Stereo into 6Ω
65W Stereo into 8Ω
>
90% Efficient Power Stage With 60-mΩ
Output MOSFETs
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
EMI Compliant When Used With
Recommended System Design
Two Thermally Enhanced Package Options:
(1)
Achievable output power levels are dependent on the thermal
configuration of the target application. A high performance
PHD (64-Pin QFP)
thermal interface material between the package exposed
heatslug and the heat sink should be used to achieve high
DKD (44-Pin PSOP3)
output power levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath, Power PAD are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5614APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614APHD TI-TAS5614APHD Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614APHDR TI-TAS5614APHDR Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5614APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com