Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW1206562RJKEB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW1206562RJKEB
Description  Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW1206562RJKEB Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW1206562RJKEB Datasheet HTML 1Page - Vishay Siliconix CRCW1206562RJKEB Datasheet HTML 2Page - Vishay Siliconix CRCW1206562RJKEB Datasheet HTML 3Page - Vishay Siliconix CRCW1206562RJKEB Datasheet HTML 4Page - Vishay Siliconix CRCW1206562RJKEB Datasheet HTML 5Page - Vishay Siliconix CRCW1206562RJKEB Datasheet HTML 6Page - Vishay Siliconix CRCW1206562RJKEB Datasheet HTML 7Page - Vishay Siliconix CRCW1206562RJKEB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions in Europe, contact: ff3cresistors@vishay.com
Document Number: 20035
108
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
Revision: 04-Jul-07
D../CRCW.... e3
Vishay
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Notes
1. For sizes 0402 until 1206 the measuring conditions are in acc. to EN 140401-802. For all other sizes the result depends on the solder pad dimensions.
2. Rated voltage:
3. The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
Notes
1. Preferred way for ordering products is by use of the PART NUMBER
2. Please refer to table PACKAGING, see next page
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT CRCW0201
D10/
CRCW0402
D11/
CRCW0603
D12/
CRCW0805
D25/
CRCW1206
CRCW1210 CRCW1218 CRCW2010 CRCW2512
Rated Dissipation at 70 °C3)
W
0.05
0.063
0.10
0.125
0.25
0.33
1.0
0.5
1.0
Limiting Element Voltage2)
V
30
50
75
150
200
200
200
400
500
Insulation Voltage (1 min)
Vpeak
50
> 75
> 100
> 200
> 300
> 300
> 300
> 300
> 300
Thermal Resistance1)
K/W
≤ 870
≤ 550
≤ 440
≤ 220
≤ 140
≤ 65
≤ 88
≤ 65
Insulation Resistance
Ω
> 109
Category Temperature Range
°C
- 55/+ 125 (+ 155)
Failure Rate
h-1
1.10-9
0.3 • 10-9
Weight/1000 pcs
g
0.17
0.65
2
5.5
10
16
29.5
25.5
40.5
PxR
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRCW0603562RFKEC1)
CR
C
W
06
03
56
2R
FKE
C
MODEL
CRCW0201
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
PACKAGING2)
EA, EB,
EC, ED,
EE, EF,
EG, EH,
EI, EK,
EL, EY
SPECIAL
up to 2 digits
PRODUCT DESCRIPTION:
D11/CRCW0603 100 562R 1 %
ET6
e3
D11/CRCW0603
100
562R
1 %
ET6
e3
MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING2)
LEAD (Pb)-FREE
CRCW0201
± 200 ppm/K
10R = 10
Ω
± 5 %
ET1, ET5
e3 = Pure Tin
D10/CRCW0402
± 100 ppm/K
562R = 562
Ω
± 1 %
ET6, ET7
Termination Finish
D11/CRCW0603
10K = 10.0 k
Ω
EF4, E02
D12/CRCW0805
1M = 1 M
Ω
E67, E82
D25/CRCW1206
EG1, ET9
CRCW1210
E20, E27
CRCW1218
CRCW2010
CRCW2512
VALUE
R = Decimal
K = Thousand
M = Million
0000 = Jumper
TOLERANCE
F = ± 1.0 %
J = ± 5.0 %
Z = Jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
TCR
0 = Jumper
S = Special
0R0 = Jumper
TCR


Similar Part No. - CRCW1206562RJKEB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206562RJKEB VISHAY-CRCW1206562RJKEB Datasheet
129Kb / 9P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Vicor Corporation
CRCW1206562RJKEB VICOR-CRCW1206562RJKEB Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW1206562RJKEB VISHAY-CRCW1206562RJKEB Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206562RJKEB VISHAY-CRCW1206562RJKEB Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW1206562RJKEB VISHAY-CRCW1206562RJKEB Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW1206562RJKEB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12065R10FKEA VISHAY-CRCW12065R10FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW040295K3FKED VISHAY-CRCW040295K3FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW08051R00JNEAIF VISHAY-CRCW08051R00JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com