Electronic Components Datasheet Search |
|
SN75HVD12 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN75HVD12 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 28 page SN65HVD10, SN65HVD10Q, SN75HVD10 SN65HVD11, SN65HVD11Q, SN75HVD11 SN65HVD12, SN75HVD12 SLLS505M – FEBRUARY 2002 – REVISED JULY 2013 www.ti.com DRIVER SWITCHING CHARACTERISTICS over recommended operating conditions unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT HVD10 5 8.5 16 tPLH Propagation delay time, low-to-high-level output HVD11 18 25 40 ns HVD12 135 200 300 HVD10 5 8.5 16 tPHL Propagation delay time, high-to-low-level output HVD11 18 25 40 ns HVD12 135 200 300 HVD10 3 4.5 10 RL = 54 Ω, CL = 50 pF, tr Differential output signal rise time HVD11 10 20 30 ns See Figure 4 HVD12 100 170 300 HVD10 3 4.5 10 tf Differential output signal fall time HVD11 10 20 30 ns HVD12 100 170 300 HVD10 1.5 tsk(p) Pulse skew (|tPHL – tPLH|) HVD11 2.5 ns HVD12 7 HVD10 6 tsk(pp) (2) Part-to-part skew HVD11 11 ns HVD12 100 HVD10 31 Propagation delay time, high-impedance-to-high- tPZH HVD11 55 ns level output HVD12 300 RL = 110 Ω, RE at 0 V, See Figure 5 HVD10 25 Propagation delay time, high-level-to-high- tPHZ HVD11 55 ns impedance output HVD12 300 HVD10 26 Propagation delay time, high-impedance-to-low- tPZL HVD11 55 ns level output HVD12 300 RL = 110 Ω, RE at 0 V, See Figure 6 HVD10 26 Propagation delay time, low-level-to-high- tPLZ HVD11 75 ns impedance output HVD12 400 RL = 110 Ω, RE at 3 V, tPZH Propagation delay time, standby-to-high-level output 6 μs See Figure 5 RL = 110 Ω, RE at 3 V, tPZL Propagation delay time, standby-to-low-level output 6 μs See Figure 6 (1) All typical values are at 25°C and with a 3.3-V supply. (2) tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits. 4 Submit Documentation Feedback Copyright © 2002–2013, Texas Instruments Incorporated Product Folder Links: SN65HVD10 SN65HVD10Q SN75HVD10 SN65HVD11 SN65HVD11Q SN75HVD11 SN65HVD12 SN75HVD12 |
Similar Part No. - SN75HVD12 |
|
Similar Description - SN75HVD12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |