Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGH30N60RUFD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SGH30N60RUFD
Description  Short Circuit Rated IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGH30N60RUFD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SGH30N60RUFD Datasheet HTML 1Page - Fairchild Semiconductor SGH30N60RUFD Datasheet HTML 2Page - Fairchild Semiconductor SGH30N60RUFD Datasheet HTML 3Page - Fairchild Semiconductor SGH30N60RUFD Datasheet HTML 4Page - Fairchild Semiconductor SGH30N60RUFD Datasheet HTML 5Page - Fairchild Semiconductor SGH30N60RUFD Datasheet HTML 6Page - Fairchild Semiconductor SGH30N60RUFD Datasheet HTML 7Page - Fairchild Semiconductor SGH30N60RUFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
SGH30N60RUFD Rev. B1
IGBT
SGH30N60RUFD
Short Circuit Rated IGBT
General Description
Fairchild's
RUFD
series
of
Insulated
Gate
Bipolar
Transistors (IGBTs) provide low conduction and switching
losses as well as short circuit ruggedness. The RUFD
series is designed for applications such as motor control,
uninterrupted power supplies (UPS) and general inverters
where short circuit ruggedness is a required feature.
Features
• Short circuit rated 10us @ TC = 100°C, VGE = 15V
• High speed switching
• Low saturation voltage : VCE(sat) = 2.2 V @ IC = 30A
• High input impedance
• CO-PAK, IGBT with FRD : trr = 50ns (typ.)
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Symbol
Description
SGH30N60RUFD
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C48
A
Collector Current
@ TC = 100°C30
A
ICM (1)
Pulsed Collector Current
90
A
IF
Diode Continuous Forward Current
@ TC = 100°C25
A
IFM
Diode Maximum Forward Current
220
A
TSC
Short Circuit Withstand Time
@ TC =100°C10
us
PD
Maximum Power Dissipation
@ TC = 25°C
235
W
Maximum Power Dissipation
@ TC = 100°C90
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for Soldering
Purposes, 1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction-to-Case
--
0.53
°C/W
RθJC(DIODE)
Thermal Resistance, Junction-to-Case
--
0.83
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
Applications
AC & DC motor controls, general purpose inverters, robotics, and servo controls.
G C E
TO-3P
G
C
E
G
C
E


Similar Part No. - SGH30N60RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
More results

Similar Description - SGH30N60RUFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
SGW5N60RUFD FAIRCHILD-SGW5N60RUFD Datasheet
615Kb / 8P
   Short Circuit Rated IGBT
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com