Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN751701PSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN751701PSR
Description  LINE DRIVER AND RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN751701PSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN751701PSR Datasheet HTML 6Page - Texas Instruments SN751701PSR Datasheet HTML 7Page - Texas Instruments SN751701PSR Datasheet HTML 8Page - Texas Instruments SN751701PSR Datasheet HTML 9Page - Texas Instruments SN751701PSR Datasheet HTML 10Page - Texas Instruments SN751701PSR Datasheet HTML 11Page - Texas Instruments SN751701PSR Datasheet HTML 12Page - Texas Instruments SN751701PSR Datasheet HTML 13Page - Texas Instruments SN751701PSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SN751701
LINE DRIVER AND RECEIVER
SLLS531 – MARCH 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
2.5
2
1.5
1
0.5
60
50
40
30
20
10
0
70
3
TA – Free-Air Temperature – °C
0
VCC + = 12 V
VIT+
VIT–
INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
VCC – = – 12 V
RECEIVER
8
6
4
2
0
–2
–4
–6
–8
20
15
10
5
0
–5
–10
–15
–20
–10
25
10
VI – Input Voltage – V
–25
VCC + = 12 V
VCC – = – 12 V
TA = 25°C
INPUT CURRENT
vs
INPUT VOLTAGE
RECEIVER
Figure 11
RECEIVER
NOISE REJECTION
1000
100
VCC + = 12 V
VCC – = – 12 V
TA = 25°C
CC = 10 pF
CC = 100 pF
CC = 300 pF
CC = 500 pF
CC = 1000 pF
8
7
6
5
4
3
2
1
0
10000
9
tw – Pulse Duration – ns
10
Figure 12
2
1
0
020
40
60
3
4
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
5
80
100
IOL – Low-Level Output Current – mA
TA = 25°C
VI(R) = H
VCC = ±12 V
VCC = ±5 V
Figure 13


Similar Part No. - SN751701PSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751701PSR TI-SN751701PSR Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
More results

Similar Description - SN751701PSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155 TI-SN75155 Datasheet
162Kb / 10P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com