Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117-18CDRJR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117-18CDRJR
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117-18CDRJR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1117-18CDRJR Datasheet HTML 2Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 3Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 4Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 5Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 6Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 7Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 8Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 9Page - Texas Instruments TLV1117-18CDRJR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TLV1117
SLVS561K – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
TLV1117C ELECTRICAL CHARACTERISTICS
TJ = 0°C to 125°C, all typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VIN – VOUT = 2 V, IOUT = 10 mA, TJ = 25°C
1.238
1.25
1.262
Reference voltage, VREF
TLV1117
VIN – VOUT = 1.4 V to 10 V, IOUT = 10 mA to 800 mA
1.225
1.25
1.27
VIN = 3.5 V, IOUT = 10 mA, TJ = 25°C
1.485
1.5
1.515
TLV1117-15
VIN = 2.9 V to 10 V, IOUT = 0 to 800 mA
1.455
1.5
1.545
VIN = 3.8 V, IOUT = 10 mA, TJ = 25°C
1.782
1.8
1.818
TLV1117-18
VIN = 3.2 V to 10 V, IOUT = 0 to 800 mA
1.746
1.8
1.854
V
VIN = 4.5 V, IOUT = 10 mA, TJ = 25°C
2.475
2.5
2.525
Output voltage, VOUT
TLV1117-25
VIN = 3.9 V to 10 V, IOUT = 0 to 800 mA
2.450
2.5
2.550
VIN = 5 V, IOUT = 10 mA, TJ = 25°C
3.267
3.3
3.333
TLV1117-33
VIN = 4.75 V to 10 V, IOUT = 0 to 800 mA
3.235
3.3
3.365
VIN = 7 V, IOUT = 10 mA, TJ = 25°C
4.950
5.0
5.050
TLV1117-50
VIN = 6.5 V to 12 V, IOUT = 0 to 800 mA
4.900
5.0
5.100
IOUT = 10 mA, VIN – VOUT = 1.5 V to 13.75 V
TLV1117
0.035
0.2
%
IOUT = 0 mA, VIN = 2.9 V to 10 V
TLV1117-15
1
6
IOUT = 0 mA, VIN = 3.2 V to 10 V
TLV1117-18
1
6
Line regulation
IOUT = 0 mA, VIN = 3.9 V to 10 V
TLV1117-25
1
6
mV
IOUT = 0 mA, VIN = 4.75 V to 15 V
TLV1117-33
1
6
IOUT = 0 mA, VIN = 6.5 V to 15 V
TLV1117-50
1
10
IOUT = 10 mA to 800 mA, VIN – VOUT = 3 V
TLV1117
0.2
0.4
%
IOUT = 0 to 800 mA, VIN = 2.9 V
TLV1117-15
1
10
IOUT = 0 to 800 mA, VIN = 3.2 V
TLV1117-18
1
10
Load regulation
IOUT = 0 to 800 mA, VIN = 3.9 V
TLV1117-25
1
10
mV
IOUT = 0 to 800 mA, VIN = 4.75 V
TLV1117-33
1
10
IOUT = 0 to 800 mA, VIN = 6.5 V
TLV1117-50
1
15
IOUT = 100 mA
1.1
1.2
Dropout voltage, VDO
(2)
IOUT = 500 mA
1.15
1.25
V
IOUT = 800 mA
1.2
1.3
Current limit
VIN – VOUT = 5 V, TJ = 25°C
(3)
0.8
1.2
1.6
A
Minimum load current
VIN = 15 V
TLV1117
1.7
5
mA
All fixed-voltage
Quiescent current
VIN ≤ 15 V
5
10
mA
options
Thermal regulation
30-ms pulse, TA = 25°C
0.01
0.1
%/W
Ripple rejection
VIN – VOUT = 3 V, Vripple = 1 Vpp, f = 120 Hz
60
75
dB
ADJ pin current
80
120
μA
Change in ADJ pin current
VIN – VOUT = 1.4 V to 10 V, IOUT = 10 mA to 800 mA
0.2
5
μA
Temperature stability
TJ = full range
0.5
%
Long-term stability
1000 hrs, No load, TA = 125°C
0.3
%
Output noise voltage
f = 10 Hz to 100 kHz
0.003
%
(% of VOUT)
(1)
All characteristics are measured with a 10-
μF capacitor across the input and a 10-μF capacitor across the output. Pulse testing
techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
(2)
Dropout is defined as the VIN to VOUT differential at which VOUT drops 100 mV below the value of VOUT,
measured at VIN = VOUT(nom) + 1.5 V.
(3)
Current limit test specified under recommended operating conditions
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: TLV1117


Similar Part No. - TLV1117-18CDRJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117-18CDRJR TI-TLV1117-18CDRJR Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-18CDRJR TI-TLV1117-18CDRJR Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-18CDRJRG4 TI-TLV1117-18CDRJRG4 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-18CDRJRG4 TI-TLV1117-18CDRJRG4 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117-18CDRJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com