Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2320IPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2320IPWR
Description  DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2320IPWR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2320IPWR Datasheet HTML 1Page - Texas Instruments TPS2320IPWR Datasheet HTML 2Page - Texas Instruments TPS2320IPWR Datasheet HTML 3Page - Texas Instruments TPS2320IPWR Datasheet HTML 4Page - Texas Instruments TPS2320IPWR Datasheet HTML 5Page - Texas Instruments TPS2320IPWR Datasheet HTML 6Page - Texas Instruments TPS2320IPWR Datasheet HTML 7Page - Texas Instruments TPS2320IPWR Datasheet HTML 8Page - Texas Instruments TPS2320IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS2320
TPS2321
SLVS276F – MARCH 2000 – REVISED JULY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VI(IN1), VI(ISENSE1), VI(ISET1), VI(ENABLE)
–0.3 to 15
V
Input voltage range
VI(IN2), VI(ISENSE2), VI(ISET2), VI(VREG)
–0.3 to 7
V
VO(GATE1)
–0.3 to 30
V
Output voltage range
VO(GATE2)
–0.3 to 22
V
VO(DISCH1), VO(FAULT), VO(DISCH2), VO(TIMER)
–0.3 to 15
V
I(GATE1), I(GATE2), I(DISCH1), I(DISCH2)
0 to 100
mA
Sink current range
I(TIMER), I(FAULT)
0 to 10
mA
Operating virtual junction temperature range, TJ
–40 to 100
°C
Storage temperature range, Tstg
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are respect to DGND.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
PW-16
823 mW
10.98 mW/°C
329 mW
165 mW
D-16
674 mW
8.98 mW/°C
270 mW
135 mW
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VI(IN1), VI(ISENSE1), VI(ISET1)
3
13
VI(IN2), VI(ISENSE2), VI(ISET2), VI(VREG)
3
5.5
VI
Input voltage
V
VI(ISENSE1), VI(ISET1)
VI(IN1)
VI(ISENSE2), VI(ISET2)
VI(IN2)
TJ
Operating virtual junction temperature
–40
100
°C
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2320 TPS2321


Similar Part No. - TPS2320IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320IPWR TI-TPS2320IPWR Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPWR TI-TPS2320IPWR Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPWRG4 TI-TPS2320IPWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPWRG4 TI-TPS2320IPWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2320IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5918 MAXIM-MAX5918 Datasheet
443Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
19-2496; Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com