Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5431DDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5431DDA
Description  3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5431DDA Datasheet(HTML) 2 Page - Texas Instruments

  TPS5431DDA Datasheet HTML 1Page - Texas Instruments TPS5431DDA Datasheet HTML 2Page - Texas Instruments TPS5431DDA Datasheet HTML 3Page - Texas Instruments TPS5431DDA Datasheet HTML 4Page - Texas Instruments TPS5431DDA Datasheet HTML 5Page - Texas Instruments TPS5431DDA Datasheet HTML 6Page - Texas Instruments TPS5431DDA Datasheet HTML 7Page - Texas Instruments TPS5431DDA Datasheet HTML 8Page - Texas Instruments TPS5431DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS5430
TPS5431
SLVS632E – JANUARY 2006 – REVISED SEPTEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TJ
INPUT VOLTAGE
OUTPUT VOLTAGE
PACKAGE(1)
PART NUMBER
–40°C to 125°C
5.5 V to 36 V
Adjustable to 1.22 V
Thermally Enhanced SOIC (DDA)(2)
TPS5430DDA
–40°C to 125°C
5.5 V to 23 V
Adjustable to 1.22 V
Thermally Enhanced SOIC (DDA)(2)
TPS5431DDA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The DDA package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS5430DDAR). See applications section
of data sheet for PowerPAD™ drawing and layout information.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VIN
–0.3 to 40(3)
TPS5430
BOOT
–0.3 to 50
PH (steady-state)
–0.6 to 40(3)
VI
Input voltage range
VIN
–0.3 to 25
TPS5431
BOOT
–0.3 to 35
V
PH (steady-state)
–0.6 to 25
ENA
–0.3 to 7
BOOT-PH
10
VSENSE
–0.3 to 3
PH (transient < 10 ns)
–1.2
IO
Source current
PH
Internally Limited
Ilkg
Leakage current
PH
10
μA
TJ
Operating virtual junction temperature range
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Approaching the absolute maximum rating for the VIN pin may cause the voltage on the PH pin to exceed the absolute maximum rating.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: TPS5430 TPS5431


Similar Part No. - TPS5431DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5431DDA TI1-TPS5431DDA Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5431DDA TI1-TPS5431DDA Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5431DDAG4 TI1-TPS5431DDAG4 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5431DDAR TI1-TPS5431DDAR Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5431DDARG4 TI1-TPS5431DDARG4 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS5431DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI1-TPS5430_17 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS5430 TI-TPS5430_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS543x 3-A, Wide Input Range, Step-Down Converter
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com