Electronic Components Datasheet Search |
|
SGH80N60UF Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
SGH80N60UF Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page SGH80N60UF Rev. A1 ©2002 Fairchild Semiconductor Corporation Electrical Characteristics of the IGBT T C = 25°C unless otherwise noted Symbol Parameter Test Conditions Min. Typ. Max. Units Off Characteristics BVCES Collector-Emitter Breakdown Voltage VGE = 0V, IC = 250uA 600 -- -- V ∆B VCES/ ∆T J Temperature Coefficient of Breakdown Voltage VGE = 0V, IC = 1mA -- 0.6 -- V/ °C ICES Collector Cut-Off Current VCE = VCES, VGE = 0V -- -- 250 uA IGES G-E Leakage Current VGE = VGES, VCE = 0V -- -- ± 100 nA On Characteristics VGE(th) G-E Threshold Voltage IC = 40mA, VCE = VGE 3.5 4.5 6.5 V VCE(sat) Collector to Emitter Saturation Voltage IC = 40A, VGE = 15V -- 2.1 2.6 V IC = 80A, VGE = 15V -- 2.6 -- V Dynamic Characteristics Cies Input Capacitance VCE = 30V, VGE = 0V, f = 1MHz -- 2790 -- pF Coes Output Capacitance -- 350 -- pF Cres Reverse Transfer Capacitance -- 100 -- pF Switching Characteristics td(on) Turn-On Delay Time VCC = 300 V, IC = 40A, RG = 5Ω, VGE = 15V, Inductive Load, TC = 25°C -- 23 -- ns tr Rise Time -- 50 -- ns td(off) Turn-Off Delay Time -- 90 130 ns tf Fall Time -- 50 150 ns Eon Turn-On Switching Loss -- 570 -- uJ Eoff Turn-Off Switching Loss -- 590 -- uJ Ets Total Switching Loss -- 1160 1500 uJ td(on) Turn-On Delay Time VCC = 300 V, IC = 40A, RG = 5Ω, VGE = 15V, Inductive Load, TC = 125°C -- 30 -- ns tr Rise Time -- 55 -- ns td(off) Turn-Off Delay Time -- 150 200 ns tf Fall Time -- 160 250 ns Eon Turn-On Switching Loss -- 630 -- uJ Eoff Turn-Off Switching Loss -- 940 -- uJ Ets Total Switching Loss -- 1580 2000 uJ Qg Total Gate Charge VCE = 300 V, IC = 40A, VGE = 15V -- 175 250 nC Qge Gate-Emitter Charge -- 25 40 nC Qgc Gate-Collector Charge -- 60 90 nC Le Internal Emitter Inductance Measured 5mm from PKG -- 14 -- nH |
Similar Part No. - SGH80N60UF |
|
Similar Description - SGH80N60UF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |