Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70348PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70348PWP
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70348PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS70348PWP Datasheet HTML 3Page - Texas Instruments TPS70348PWP Datasheet HTML 4Page - Texas Instruments TPS70348PWP Datasheet HTML 5Page - Texas Instruments TPS70348PWP Datasheet HTML 6Page - Texas Instruments TPS70348PWP Datasheet HTML 7Page - Texas Instruments TPS70348PWP Datasheet HTML 8Page - Texas Instruments TPS70348PWP Datasheet HTML 9Page - Texas Instruments TPS70348PWP Datasheet HTML 10Page - Texas Instruments TPS70348PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
TPS70345, TPS70348
TPS70351, TPS70358
TPS70302
www.ti.com
SLVS285H – AUGUST 2000 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating junction temperature range (TJ = –40°C to +125°C), VIN1 or VIN2 = VOUTX(nom) + 1V, IOUTX = 1mA,
EN = 0V, COUT1 = 22mF, and COUT2 = 47mF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT1 Terminal
VOUT1 UV comparator: positive-going
input threshold voltage at VOUT2 UV
80
83
86
%VOUT
comparator
%VOUT,
VOUT1 UV comparator: hysteresis
3
mV
VOUT1 UV comparator: falling edge
VSENSE1 decreasing below threshold
140
ms
deglitch
IO = 1 A, VIN1 = 3.2 V
TJ = +25°C
160
Dropout voltage(4)
mV
IO = 1 A, VIN1 = 3.2 V
250
Peak output current
2ms pulse width
1.2
A
Discharge transistor current
VOUT1 = 1.5 V
7.5
mA
VIN1/VIN2 Terminal
UVLO threshold
2.3
2.65
V
UVLO hysteresis
110
mV
FB Terminal
Input current: TPS70302
FB = 1.8 V
1
mA
(4)
Input voltage (VIN1 or VIN2) = VO(typ) – 100mV. For 1.5 V, 1.8 V and 2.5 V regulators, the dropout voltage is limited by input voltage
range. The 3.3 V regulator input is set to 3.2 V to perform this test.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
7
I
Active low enable
GND
9
Regulator ground
GND/HEATSI
1, 12, 13, 24
Ground/heatsink
NK
MR1
6
I
Manual reset input 1, active low, pulled up internally
MR2
5
I
Manual reset input 2, active low, pulled up internally
NC
4, 17, 20
No connection
PG1
19
O
Open drain output, low when VOUT1 voltage is less than 95% of the nominal regulated voltage
RESET
18
O
Open drain output, SVS (power-on reset) signal, active low
Power-up sequence control: SEQ = High, VOUT2 powers up first; SEQ = Low, VOUT1 powers up
SEQ
8
I
first. SEQ terminal pulled up internally.
VIN1
2, 3
I
Input voltage of regulator 1
VIN2
10, 11
I
Input voltage of regulator 2
VOUT1
22, 23
O
Output voltage of regulator 1
VOUT2
14, 15
O
Output voltage of regulator 2
VSENSE2/FB2
16
I
Regulator 2 output voltage sense/regulator 2 feedback for adjustable
VSENSE1/FB1
21
I
Regulator 1 output voltage sense/regulator 1 feedback for adjustable
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS70348PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70348PWP TI-TPS70348PWP Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results

Similar Description - TPS70348PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com