Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A0805C220GCT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A0805C220GCT
Description  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A0805C220GCT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A0805C220GCT Datasheet HTML 1Page - List of Unclassifed Manufacturers A0805C220GCT Datasheet HTML 2Page - List of Unclassifed Manufacturers A0805C220GCT Datasheet HTML 3Page - List of Unclassifed Manufacturers A0805C220GCT Datasheet HTML 4Page - List of Unclassifed Manufacturers A0805C220GCT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.element14.com
www.farnell.com
www.newark.com
Multilayer Ceramic Capacitors
Page <3>
14/01/12 V1.1
Capacitance Range (0603)
Dielectric
NP0
X7R
Y5V
Size
0603
Rated Voltage
(V dc)
16
(V)
25
(V)
50
(V)
16
(V)
25
(V)
50
(V)
16
(V)
25
(V)
50
(V)
22 pF (220)
S
S
S
-
-
-
-
-
-
100 pF (101)
S
S
S
S
S
S
-
-
-
220 pF (221)
S
S
S
S
S
S
-
-
-
1,000 pF (102)
S
S
S
S
S
S
-
-
-
0.1 µF (104)
-
-
-
S
S
S
S
S
S
220 pF (221)
S
S
S
S
S
S
-
-
-
470 pF (471)
S
S
S
S
S
S
-
-
-
0.010 µF (103)
-
-
-
-
-
-
S
S
S
1. The letter in cell is expressed the symbol of product thickness.
Capacitance Range (0805)
Dielectric
NP0
X7R
Y5V
Size
0805
Rated Voltage
(V dc)
16
(V)
50
(V)
100
(V)
16
(V)
50
(V)
100
(V)
16
(V)
50
(V)
100
(V)
1,000 pF (102)
B
B
B
B
B
B
-
-
-
2,200 pF (222)
B
B
B
B
B
B
-
-
-
0.22 µF (224)
-
-
-
D
D
-
-
-
-
0.33 µF (334)
-
-
-
D
D
-
-
-
-
0.47 µF (474)
-
-
-
D
D
-
-
-
-
100 pF
-
-
-
B
B
B
-
-
-
220 pF
A
A
A
B
B
B
-
-
-
470 pF
-
-
-
B
B
B
-
-
-
0.22 µF (224)
-
-
-
D
D
-
-
-
-
0.33 µF (334)
-
-
-
D
D
-
B
B
-
0.47 µF (474)
-
-
-
D
D
-
B
B
-
0.010 µF (103)
D
-
-
B
B
B
A
A
B
0.022 µF (223)
-
-
-
B
B
B
A
A
B
0.047 µF (473)
-
-
-
B
B
D
-
-
-
0.1 µF (104)
-
-
-
B
B
D
-
-
-
1. The letter in cell is expressed the symbol of product thickness.


Similar Part No. - A0805C220GCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0805C220GCT ETC2-A0805C220GCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - A0805C220GCT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com