Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2046BVFG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046BVFG4
Description  4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2046BVFG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB2046BVFG4 Datasheet HTML 6Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 7Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 8Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 9Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 10Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 11Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 12Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 13Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
XTAL1
C1
C2
C
L
XTAL2
TUSB2046B
TUSB2046BI
SLLS413I – FEBRUARY 2000 – REVISED SEPTEMBER 2013
www.ti.com
USB Design Notes
The following sections provide block diagram examples of how to implement the TUSB2046B device. Note, even
though no resistors are shown, pullup, pulldown, and series resistors must be used to properly implement this
device.
Figure 6 is an example of how to generate the 6-MHz clock signal.
NOTE: This figure assumes a 6-MHz fundamental crystal that is parallel loaded. The component values of C1, C2, and Rd
are determined using a crystal from Fox Electronics – part number HC49U-6.00MHz 30\50\0-70\20, which means
±30 ppm at 25°C and ±50 ppm from 0°C to 70°C. The characteristics for the crystal include a load capacitance (CL) of
20 pF, maximum shunt capacitance (Co) of 7 pF, and the maximum ESR of 50 Ω. In order to insure enough negative
resistance, use C1 = C2 = 27 pF. The resistor Rd is used to trim the gain, and Rd = 1.5 kΩ is recommended.
Figure 6. Crystal Tuning Circuit
Input Clock Configuration
The input clock configuration logic of TUSB2046B is enhanced to accept a 6-MHz crystal or 48-MHz on-the-
board clock source with a simple tie-off change on TSTMODE (terminal 31).
A 6-MHz input clock configuration is shown in Figure 7.
In this mode, both TSTMODE and TSTPLL/48MCLK terminals must be tied to ground. The hub is configured
to use the 6-MHz clock on terminals 30 and 29, which are XTAL1 and XTAL2, respectively, on the
TUSB2046B. This is identical to the TUSB2046.
Figure 7. 6-MHz Input Clock Configuration
A 48-MHz input clock configuration is shown in Figure 8.
In this mode, both TSTMODE and XTAL1 terminals must be tied to 3.3-V VCC. The hub accepts the 48-MHz
clock input on TSTPLL/48MCLK (terminal 27). XTAL2 must be left floating (open) for this configuration. Only
the oscillator or the onboard clock source is accepted for this mode. A crystal can not be used for this mode,
since the chip’s internal oscillator cell only supports the fundamental frequency.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TUSB2046B TUSB2046BI


Similar Part No. - TUSB2046BVFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046BVFG4 TI-TUSB2046BVFG4 Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFG4 TI1-TUSB2046BVFG4 Datasheet
1Mb / 28P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus
TUSB2046BVFG4 TI1-TUSB2046BVFG4 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2046BVFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com