Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2301IPWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2301IPWG4
Description  DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2301IPWG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2301IPWG4 Datasheet HTML 1Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 2Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 3Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 4Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 5Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 6Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 7Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 8Page - Texas Instruments TPS2301IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS2300
TPS2301
SLVS265H – FEBRUARY 2000 – REVISED JULY 2013
www.ti.com
PWRGD1, PWRGD2 – PWRGD1 and PWRGD2 signal the presence of undervoltage conditions on VSENSE1
and VSENSE2, respectively. These pins are open-drain outputs and are pulled low during an undervoltage
condition. To minimize erroneous PWRGDx responses from transients on the voltage rail, the voltage sense
circuit incorporates a 20-
μs deglitch filter. When VSENSEx is lower than the reference voltage (about 1.23 V),
PWRGDx is active low to indicate an undervoltage condition on the power-rail voltage. PWRGDx may not
correctly report power conditions when the device is disabled, because there is no gate drive power for the
PWRGD output transistor in the disable mode, or, in other words, PWRGD is floating. Therefore, PWRGD is
pulled up to its pullup power supply rail in disable mode.
TIMER – A capacitor on TIMER sets the time during which the power switch can be in overcurrent before turning
off. When the overcurrent protection circuits sense an excessive current, a current source is enabled which
charges the capacitor on TIMER. Once the voltage on TIMER reaches approximately 0.5 V, the circuit-breaker
latch is set and the power switch is latched off. Power must be recycled or the ENABLE pin must be toggled to
restart the controller. In high-power or high-temperature applications, a minimum 50-pF capacitor is strongly
recommended from TIMER to ground, to prevent any false triggering.
VREG – VREG is the output of an internal low-dropout voltage regulator, where IN1 is the input. The regulator is
used to generate a regulated voltage source, less than 5.5 V, for the device. A 0.1-
μF ceramic capacitor should
be connected between VREG and ground to aid in noise rejection. In this configuration, upon disabling the
device, the internal low-dropout regulator will also be disabled, which removes power from the internal circuitry
and allows the device to be placed in low-quiescent-current mode. In applications where IN1 is less than 5.5 V,
VREG and IN1 may be connected together. However, under these conditions, disabling the device does not
place the device in low-quiescent-current mode, because the internal low-dropout voltage regulator is being
bypassed, thereby keeping internal circuitry operational. If VREG and IN1 are connected together, a 0.1-
μF
ceramic capacitor between VREG and ground is not needed if IN1 already has a bypass capacitor of 1
μF to
10
μF.
VSENSE1, VSENSE2 – VSENSE1 and VSENSE2 can be used to detect undervoltage conditions on external
circuitry. If VSENSE1 senses a voltage below approximately 1.23 V, PWRGD1 is pulled low. Similarly, a voltage
less than 1.23 V on VSENSE2 causes PWRGD2 to be pulled low.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VI(IN1), VI(ISENSE1), VI(VSENSE1), VI(VSENSE2), VI(ISET1), VI(ENABLE), VI(VREG)
–0.3 to 15
V
Input voltage range
VI(IN2), VI(ISENSE2), VI(ISET2)
–0.3 to 7
V
VO(GATE1)
–0.3 to 30
V
Output voltage range
VO(GATE2)
–0.3 to 22
V
VO(DISCH1), VO(PWRGD1), VO(PWRGD2), VO(FAULT), VO(DISCH2), VO(TIMER)
–0.3 to 15
V
I(GATE1), I(GATE2), I(DISCH1), I(DISCH2)
0 to 100
mA
Sink current range
I(PWRGD1), I(PWRGD2), I(TIMER), I(FAULT)
0 to 10
mA
Operating virtual junction temperature range, TJ
–40 to 100
°C
Storage temperature range, Tstg
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are respect to DGND.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
PW-20
1015 mW
13.55 mW/°C
406 mW
203 mW
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2300 TPS2301


Similar Part No. - TPS2301IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2301IPW TI-TPS2301IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2301IPW TI-TPS2301IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2301IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com